Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STSPIN32G4TR Datasheet(PDF) 23 Page - STMicroelectronics

Part # STSPIN32G4TR
Description  High performance 3-phase motor controller with embedded STM32G4 MCU
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSPIN32G4TR Datasheet(HTML) 23 Page - STMicroelectronics

Back Button STSPIN32G4TR Datasheet HTML 19Page - STMicroelectronics STSPIN32G4TR Datasheet HTML 20Page - STMicroelectronics STSPIN32G4TR Datasheet HTML 21Page - STMicroelectronics STSPIN32G4TR Datasheet HTML 22Page - STMicroelectronics STSPIN32G4TR Datasheet HTML 23Page - STMicroelectronics STSPIN32G4TR Datasheet HTML 24Page - STMicroelectronics STSPIN32G4TR Datasheet HTML 25Page - STMicroelectronics STSPIN32G4TR Datasheet HTML 26Page - STMicroelectronics STSPIN32G4TR Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 48 page
background image
Figure 18. External bootstrap diode configuration
BOOTx
OUTx
x3 bootstrap circuitries
Buck
reg.
COUT
CBOOTx
5.2.5
VDS monitoring protection
The device monitors the VDS of the power stage’s MOSFETs in order to detect anomalous conditions. The VDS of
each MOSFET is compared to a reference threshold (VDSth).
The reference threshold (VDSth) is generated according to the voltage applied to the SCREF pin (VSCREF).
The SCREF voltage must be in the range between 0.2 V to VSCREF,en. If the voltage is above VSCREF,dis, the
protection is disabled.
When enabled, the protection triggers when one of the following conditions occur:
•
GLSx output is high and VOUTx > VDSth,LS for more than tDFSC
•
GHSx output is high and ‘VS – VOUTx’ > VDSth,HS for more than tDFSC
As soon as the protection is triggered, all the gate driver outputs are forced low and the protection is latched. In
this condition all the gate driver outputs are kept low whatever the driving inputs.
The device returns operative (i.e. the failure condition is cleared) forcing all the driving inputs low for at least
tFAULT,reset or setting all bits of the CLEAR register.
STSPIN32G4
Gate drivers
DS13630 - Rev 1
page 23/48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com