Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STSPIN32G4TR Datasheet(PDF) 30 Page - STMicroelectronics

Part # STSPIN32G4TR
Description  High performance 3-phase motor controller with embedded STM32G4 MCU
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSPIN32G4TR Datasheet(HTML) 30 Page - STMicroelectronics

Back Button STSPIN32G4TR Datasheet HTML 26Page - STMicroelectronics STSPIN32G4TR Datasheet HTML 27Page - STMicroelectronics STSPIN32G4TR Datasheet HTML 28Page - STMicroelectronics STSPIN32G4TR Datasheet HTML 29Page - STMicroelectronics STSPIN32G4TR Datasheet HTML 30Page - STMicroelectronics STSPIN32G4TR Datasheet HTML 31Page - STMicroelectronics STSPIN32G4TR Datasheet HTML 32Page - STMicroelectronics STSPIN32G4TR Datasheet HTML 33Page - STMicroelectronics STSPIN32G4TR Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 48 page
background image
The READY output can be programmed to report one or more of the following conditions:
•
The VCC supply is below the undervoltage threshold.
•
Thermal shutdown.
•
Entering standby mode.
By default, the pin reports the standby and the VCC undervoltage condition (refer to Table 19).
5.5.3
nFAULT output
The nFAULT open-drain output indicates a critical failure condition. The output can be configured to report one or
more of the following failures:
•
The device performed a RESET (this signaling cannot be masked)
•
VDS monitoring protection is triggered
•
Thermal shutdown
•
The VCC supply is below the undervoltage threshold
By default, the nFAULT pin reports all above failures (refer to Table 20).
5.5.4
I2C interface
The internal registers are available through a standard IIC (I2C) interface supporting 7-bit addressing and
communication speed up to 1 Mbit/s (Fast mode Plus).
The 7-bit address of the device is fixed and equal to 1000111.
Table 16. I2C address
Device address
7
6
5
4
3
2
1
0
1
0
0
0
1
1
1
R/W bit
5.5.5
Registers
The configuration of the device is set through a list of 8-bit registers. Refer to the following tables for details.
Table 17. Power manager configuration register
Register
Bit #
Bit name
Default
Description
POWMNG
Address 0x01
Protected
7
0
6
REG3V3_DIS
0
3.3V linear regulator:
Enabled by default, 1 to disable
5
VCC_DIS
0
VCC buck regulator:
Enabled by default, 1 to disable
4
STBY_REG_EN
0
Standby linear regulator:
Disabled by default, 1 to enable
3
0
2
0
1
VCC_VAL
0
Set the output value for the VCC regulator:
•
00: VCC set to 8V (default)
•
01: VCC set to 10V
•
10: VCC set to 12V
•
11: VCC set to 15V
0
0
STSPIN32G4
Control logic
DS13630 - Rev 1
page 30/48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com