Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSD1821 Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # SSD1821
Description  LCD Segment / Common Driver with Controller CMOS
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SSD1821 Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button SSD1821 Datasheet HTML 8Page - List of Unclassifed Manufacturers SSD1821 Datasheet HTML 9Page - List of Unclassifed Manufacturers SSD1821 Datasheet HTML 10Page - List of Unclassifed Manufacturers SSD1821 Datasheet HTML 11Page - List of Unclassifed Manufacturers SSD1821 Datasheet HTML 12Page - List of Unclassifed Manufacturers SSD1821 Datasheet HTML 13Page - List of Unclassifed Manufacturers SSD1821 Datasheet HTML 14Page - List of Unclassifed Manufacturers SSD1821 Datasheet HTML 15Page - List of Unclassifed Manufacturers SSD1821 Datasheet HTML 16Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 43 page
background image
SSD1820A/21
12
REV 1.4
01/03
SOLOMON
R/ W(WR)
E(RD)
Figure 4: display data read with the insertion of dummy read
N
n
n+1
n+2
data bus
write column address
dummy read
data read1
data read 2
data read 3
Command Decoder and Command Interface
This module determines whether the input data is interpreted as data or
command. Data is directed to this module based upon the input of the D/C
pin. If D/C is high, data is written to Graphic Display Data RAM
(GDDRAM). If D/C is low, the input at D0-D7 is interpreted as a Command
and it will be decoded and written to the corresponding command register.
Reset is of the same function as Power ON Reset (POR). Once RES
receives a negative reset pulse of about 1us, all internal circuitry will be
back to its initial status. Refer to Command Description section for more
information.
MPU Parallel 6800-series Interface
The parallel interface consists of 8 bi-directional data pins (D0-D7), R/
W(WR), D/C, E(RD) and CS. R/W(WR) input High indicates a read opera-
tion from the Graphic Display Data RAM (GDDRAM) or the status register.
R/ W(WR) input Low indicates a write operation to Display Data RAM or
Internal Command Registers depending on the status of D/C input. The
E(RD) and CS input serves as data latch signal (clock) when they are high
and low respectively. Refer to Figure 1 of parallel timing characteristics for
Parallel Interface Timing Diagram of 6800-series microprocessors.
In order to match the operating frequency of display RAM with that of
the microprocessor, some pipeline processing is internally performed
which requires the insertion of a dummy read before the first actual display
data read. This is shown in Figure 4 below.
MPU Parallel 8080-series interface
The parallel interface consists of 8 bi-directional data pins (D0-D7), R/
W(WR), E(RD), D/C and CS. The CS input serves as data latch signal
(clock) when it is low. Whether it is display data or status register read is
controlled by D/C. R/W(WR) and E(RD) input indicates a write or read
cycle when CS is low. Refer to Figure 2 of parallel timing characteristics for
Parallel Interface Timing Diagram of 8080-series microprocessor.
Similar to 6800-series interface, a dummy read is also required before
the first actual display data read.
OPERATION OF LIQUID CRYSTAL DISPLAY DRIVER
Description of Block Diagram Module
MPU Serial 4-wire Interface
The serial interface consists of serial clock SCK, serial data SDA, D/
C and CS . SDA is shifted into a 8-bit shift register on every rising edge
of SCL in the order of D7, D6,... D0. D/C is sampled on every eighth
clock and the data byte in the shift register is written to the Display Data
RAM or command register in the same clock. No extra clock or com-
mand is required to end the transmission.
MPU Serial 3-wire Interface
Operation is similar to 4-wire serial interface while D/ C is not been
used. The Display Data Length instruction is used to indicate that a
specified number display data byte (1-256) are to be transmitted. Next
byte after the display data string is handled as a command.
It should be noted that if there is a signal glitch at SCK that causing
an out of synchronization in the serial communication, a hardware reset
pulse at RES pin is required to initialize the chip for re-synchronization.
Modes of operation
6800 parallel
8080 parallel
Serial
Data Read
Yes
Yes
No
Data Write
Yes
Yes
Yes
Command Read
Status only
Status only
No
Command Write
Yes
Yes
Yes
Segment and Common outputs are provided. For vertical scrolling of
display, an internal register storing the display start line can be set to
control the portion of the RAM data to be mapped to the display. Figure
5, 6 show the case in which the display start line register is set at 38H.
Graphic Display Data RAM (GDDRAM)
The GDDRAM is a bit mapped static RAM holding the bit pattern to be
displayed. The size of the RAM is 128 x 65 = 8320bits for SSD1820A; 128
x 81 = 10368bits for SSD1821. Figure 5, 6 are the description of the
GDDRAM address map. For mechanical flexibility, re-mapping on both



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com