Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSD1821 Datasheet(PDF) 20 Page - List of Unclassifed Manufacturers

Part # SSD1821
Description  LCD Segment / Common Driver with Controller CMOS
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SSD1821 Datasheet(HTML) 20 Page - List of Unclassifed Manufacturers

Back Button SSD1821 Datasheet HTML 16Page - List of Unclassifed Manufacturers SSD1821 Datasheet HTML 17Page - List of Unclassifed Manufacturers SSD1821 Datasheet HTML 18Page - List of Unclassifed Manufacturers SSD1821 Datasheet HTML 19Page - List of Unclassifed Manufacturers SSD1821 Datasheet HTML 20Page - List of Unclassifed Manufacturers SSD1821 Datasheet HTML 21Page - List of Unclassifed Manufacturers SSD1821 Datasheet HTML 22Page - List of Unclassifed Manufacturers SSD1821 Datasheet HTML 23Page - List of Unclassifed Manufacturers SSD1821 Datasheet HTML 24Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 43 page
background image
SSD1820A/21
20
REV 1.4
01/03
SOLOMON
EXTENDED COMMAND TABLE
Read Status Byte
A 8 bits status byte will be placed to the data bus if a read operation is performed if D/C is low. The status byte is defined as follow.
Data Read / Write
To read data from the GDDRAM, input High to R/W(WR) pin and D/C pin for 6800-series parallel mode, Low to E(RD) pin and High to D/
C pin for 8080-series parallel mode. No data read is provided for serial mode. In normal mode, GDDRAM column address pointer will be
increased by one automatically after each data read. Also, a dummy read is required before the first data is read. See Figure 4 in Func-
E8
1
D7
1
D6
1
D5
0
D4
1
D3
0
D2
0
D1
0
D0
Set Display Data Length
This command is valid only at 3-wire SPI (PS0=PS1=L)
The next command specifies the number of bytes of dis-
play data to be written after this composite command.
D(7:0)=00: 1 byte of display data is to be sent
D(7:0)=FF: 256 bytes of display data is to be sent
E9~EF
Reserved
Reserved
F0~FF
1
1
1
1
x
x
x
x
Extended Features
Test mode commands and Extended features, see
Extended Command Table.
Bit Pattern
Command
Comment
11110001
00001X2X1X0
X2X 1X0 : Set TC Value
X2X 1X0 = 000: -0.05%/C (POR for 1820A)
X2X 1X0 = 001: -0.07%/C (POR for 1821)
11110010
0010X3X2X1X0
X3: Select Oscillator Source
X2X 1X0: Set Oscillator Value
X3 = 0: Internal RC oscillator is selected (POR)
X3 = 1: External oscillator from CL pin is selected
if X3 = 0,
X2X1X0 = 000: -16%
X2X1X0 = 001: -10%
X2X1X0 = 010: 0% (POR)
X2X1X0 = 011: +10%
X2X1X0 = 100: +16%
X2X1X0 = 101: +30%
X2X1X0 = 110: +54%
X2X1X0 = 111: +81%
11111101
00010L10
L : Interface Lock / Unlock
L = 0 Interface Unlock (POR)
L = 1 Interface Lock
Other than above
Reserved
D7
D6
D5
D4
D3
D2
D1
D0
Comment
BUSY
ON
RES
0
1
0
0
DS0
BUSY=0: Chip is idle
BUSY=1: Chip is executing instruction
ON=0: Display is OFF
ON=1: Dispaly is ON
RES=0: Chip is idlex
RES=1: Chip is executing reset
DS0=0: SSD1820A; DS0=1:SSD1821



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com