Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSD1821 Datasheet(PDF) 36 Page - List of Unclassifed Manufacturers

Part # SSD1821
Description  LCD Segment / Common Driver with Controller CMOS
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SSD1821 Datasheet(HTML) 36 Page - List of Unclassifed Manufacturers

Back Button SSD1821 Datasheet HTML 32Page - List of Unclassifed Manufacturers SSD1821 Datasheet HTML 33Page - List of Unclassifed Manufacturers SSD1821 Datasheet HTML 34Page - List of Unclassifed Manufacturers SSD1821 Datasheet HTML 35Page - List of Unclassifed Manufacturers SSD1821 Datasheet HTML 36Page - List of Unclassifed Manufacturers SSD1821 Datasheet HTML 37Page - List of Unclassifed Manufacturers SSD1821 Datasheet HTML 38Page - List of Unclassifed Manufacturers SSD1821 Datasheet HTML 39Page - List of Unclassifed Manufacturers SSD1821 Datasheet HTML 40Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 43 page
background image
SSD1820A/21
36
REV 1.4
01/03
SOLOMON
APPLICATION NOTE 1: ESD PROTECTION CIRCUIT
For SSD1820A/21 IC, it is recommended to design a simple protection circuit to prevent from unexpected external interference.
This is useful especially the designed product has to go through unexpected electrostatic discharge. Figure 1 is an example of
the common circuit used.
Figure 9: Additional ESD protection circuit
Figure 9 shows one of the most common connection design of the LCD driver IC and the main Microprocessor (MCU) unit, the
RES pin of the driver is connected directly to one of the port of the MCU. When external charge is brought near the device, or
electrostatic charge (a spike), the charge will be induced inside the device and it will discharge by finding its way to the shortest
path to ground.
This discharge sometimes will affect the normal operation of the device, causing data disruption inside RAM or internal register s,
or even re-initialize / reset the device. The IC design is in-built with a protection circuit (or a diode circuit to the power a nd ground
rails), to protect the I/O pins from external charge or spike. Since the diode circuit in the IC is very small, the protection of the
circuit is limited. Therefore, it is very useful to build an external device to help prevent the disturbance. it is easy to add a capacitor
across the RES pin, this will have a big improvement on the stability of the driver IC.
In addition, more protection can be done by adding a resistor in series, directly in between the RES pin of the driver IC and the
port of the MCU. This will create a filter (R-C circuit) effect, that will be able to eliminate external noises entering the RES pin of
the driver IC.
The value of the capacitor and resistor used largely depend on the application printed circuit board design. It is recommended to
test and evaluate to find out the best capacitor value for a particular design application. However, for mobile communication de-
vices (eg mobile phones), a lot of applications there is a 1nF capacitor placed across the RES pin and ground.
(Port output pin)
Microproesscor
unit
RES
C
R
Typical value:
C = 1000nF;
R = 3 ~ 10K ohm;



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com