Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSD1821 Datasheet(PDF) 18 Page - List of Unclassifed Manufacturers

Part # SSD1821
Description  LCD Segment / Common Driver with Controller CMOS
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SSD1821 Datasheet(HTML) 18 Page - List of Unclassifed Manufacturers

Back Button SSD1821 Datasheet HTML 14Page - List of Unclassifed Manufacturers SSD1821 Datasheet HTML 15Page - List of Unclassifed Manufacturers SSD1821 Datasheet HTML 16Page - List of Unclassifed Manufacturers SSD1821 Datasheet HTML 17Page - List of Unclassifed Manufacturers SSD1821 Datasheet HTML 18Page - List of Unclassifed Manufacturers SSD1821 Datasheet HTML 19Page - List of Unclassifed Manufacturers SSD1821 Datasheet HTML 20Page - List of Unclassifed Manufacturers SSD1821 Datasheet HTML 21Page - List of Unclassifed Manufacturers SSD1821 Datasheet HTML 22Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 43 page
background image
SSD1820A/21
18
REV 1.4
01/03
SOLOMON
COMMAND TABLE
Hex
D7
D6
D5
D4
D3
D2
D1
D0
Command
Comment
00~0F
0
0
0
0
C3
C2
C1
C0
Set Lower Column Address
Sets the lower nibble of the column address pointer for
RAM access. The pointer is reset to 0 after reset.
10~17
0
0
0
1
0
C6
C5
C4
Set Upper Column Address
Sets the upper nibble of the column address pointer for
RAM access. The pointer is reset to 0 after reset.
18~1F
Reserved
Reserved
20~27
0
0
1
0
0
R2
R1
R0
Set Internal Regulator Resis-
tor Ratio
The internal regulator gain (1+R2/R1)Vcon increases as
R2R1R0 is increased from 000b to 111b. The resistor
ratio (1+R2/R1) is given by:
R2R1R0 = 000: 2.3 (POR)
R2R1R0 = 001: 3.0
R2R1R0 = 010: 3.7
R2R1R0 = 011: 4.4
R2R1R0 = 100: 5.1
R2R1R0 = 101: 5.8
R2R1R0 = 110: 6.5
R2R1R0 = 111: 7.2
28~2F
0
0
1
0
1
VC VR
VF Set Power Control Register
VC=0: turns OFF the internal voltage booster (POR)
VC=1: turns ON the internal voltage booster
VR=0: turns OFF the internal regulator (POR)
VR=1: turns ON the internal regulator
VF=0: turns OFF the output op-amp buffer (POR)
VF=1: turns ON the output op-amp buffer
30~3F
Reserved
Reserved
40~43
0
x
1
L6
0
L5
0
L4
0
L3
0
L2
x
L1
x
L0
Set Display Start Line
The next command specifies the row address pointer
(0-63) of the RAM data to be displayed in COM0. This
command has no effect on COMS. The pointer is set to
0 after reset.
44~47
0
x
1
C6
0
C5
0
C4
0
C3
1
C2
x
C1
x
C0
Set Display Offset
The next command specifies the mapping of first display
line (COM0) to one of ROW0~63. This command has no
effect on COMS. COM0 is mapped to ROW0 after reset.
48~4B
0
x
1
D6
0
D5
0
D4
1
D3
0
D2
x
D1
x
D0
Set Multiplex Ratio
The next command specifies the number of lines,
excluding COMS, to be displayed. With Icon is disabled
(POR), duties 1/16~1/64 or 1/80 could be selected. With
Icon enabled, the available duty ratios are 1/17~ 1/65 or
1/81.
4C~4F
0
x
1
x
0
x
0
N4
1
N3
1
N2
x
N1
x
N0
Set N-line Inversion
The next command sets the n-line inversion register
from 3 to 33 lines to reduce display crosstalk. Register
values from 00001b to 11111b are mapped to 3 lines to
33 lines respectively. Value 00000b disables the N-line
inversion, which is the POR value.
To avoid a fix polarity at some lines, it should be noted
that the total number of mux (including the icon line)
should NOT be a multiple of the lines of inversion (n).
50~57
0
1
0
1
0
B2
B1
B0
Set LCD Bias
Sets the LCD bias from 1/4 ~ 1/10 according to
B2B1B0:
000: 1/4 bias
001: 1/5 bias
010: 1/6 bias
011: 1/7bias
100: 1/8 bias
101: 1/9 bias (POR for SSD1820A)
110: 1/9 bias (for SSD1820A)
1/10 bias (POR for SSD1821)
111: 1/9 bias (for SSD1820A); 1/10 bias (for SSD1821)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com