Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSD1821 Datasheet(PDF) 17 Page - List of Unclassifed Manufacturers

Part # SSD1821
Description  LCD Segment / Common Driver with Controller CMOS
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SSD1821 Datasheet(HTML) 17 Page - List of Unclassifed Manufacturers

Back Button SSD1821 Datasheet HTML 13Page - List of Unclassifed Manufacturers SSD1821 Datasheet HTML 14Page - List of Unclassifed Manufacturers SSD1821 Datasheet HTML 15Page - List of Unclassifed Manufacturers SSD1821 Datasheet HTML 16Page - List of Unclassifed Manufacturers SSD1821 Datasheet HTML 17Page - List of Unclassifed Manufacturers SSD1821 Datasheet HTML 18Page - List of Unclassifed Manufacturers SSD1821 Datasheet HTML 19Page - List of Unclassifed Manufacturers SSD1821 Datasheet HTML 20Page - List of Unclassifed Manufacturers SSD1821 Datasheet HTML 21Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 43 page
background image
SOLOMON
SSD1820A/21
17
REV 1.4
01/03
TIME SLOT
COM0
COM1
SEG0
SEG1
M
* Note : N is the number of multiplex ratio including Icon line if it is enabled, N is equal to 64/80 on POR.
VL6
VL5
VL4
VL3
VL2
VSS
VL6
VL5
VL4
VL3
VL2
VSS
VL6
VL5
VL4
VL3
VL2
VSS
VL6
VL5
VL4
VL3
VL2
VSS
1 2 3 4 5 6 7 8 9
. . .
N
*
1 2 3 4 5 6 7 8 9
. . .
N
*
1 2 3 4 5 6 7 8 9
. . .
N
*
1 2 3 4 5 6 7 8 9
. . .
N
*
Figure 8a. LCD Display Example “0”
LCD Panel Driving Waveform
The following is an example of how the Common and Segment
drivers may be connected to a LCD panel. The waveforms shown in
Figure 8a and 7b illustrate the desired multiplex scheme with N-line
Inversion feature is disabled (default).
Figure 8b. LCD Driving Signal from SSD1820A/SSD1821
COM1
COM2
COM3
COM4
COM5
COM6
COM7
COM0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com