Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

REF2030-Q1 Datasheet(PDF) 1 Page - Texas Instruments

Part # REF2030-Q1
Description  REF20xx-Q1 Low-Drift, Low-Power, Dual-Output, VREF and VREF / 2 Voltage References
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

REF2030-Q1 Datasheet(HTML) 1 Page - Texas Instruments

  REF2030-Q1 Datasheet HTML 1Page - Texas Instruments REF2030-Q1 Datasheet HTML 2Page - Texas Instruments REF2030-Q1 Datasheet HTML 3Page - Texas Instruments REF2030-Q1 Datasheet HTML 4Page - Texas Instruments REF2030-Q1 Datasheet HTML 5Page - Texas Instruments REF2030-Q1 Datasheet HTML 6Page - Texas Instruments REF2030-Q1 Datasheet HTML 7Page - Texas Instruments REF2030-Q1 Datasheet HTML 8Page - Texas Instruments REF2030-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
REF20xx-Q1 Low-Drift, Low-Power, Dual-Output, VREF and VREF / 2 Voltage References
1 Features
• AEC-Q100 qualified with the following results:
– Device temperature grade 1: –40°C to +125°C
ambient operating temperature
– Device HBM ESD classification level 2
– Device CDM ESD classification level C7B
• Functional Safety-Capable
– Documentation available to aid functional safety
system design
• Two Outputs, VREF and VREF / 2, for convenient
use in single-supply systems
• Excellent temperature drift performance:
– 8 ppm/°C (maximum) from –40°C to 125°C
• High initial accuracy: ±0.05% (maximum)
• VREF and VBIAS tracking overtemperature:
– 7 ppm/°C (maximum) from –40°C to 125°C
• Microsize package: SOT23-5
• Low dropout voltage: 10 mV
• High output current: ±20 mA
• Low quiescent current: 360 μA
• Line regulation: 3 ppm/V
• Load regulation: 8 ppm/mA
2 Applications
• Telematics control
• Battery management systems
• Inverter and motor control
• Automotive gateway
• Power distribution box
• Power steering
• On board chargers
3 Description
Applications with only a positive supply voltage often
require additional stable voltage in the middle of the
analog-to-digital converter (ADC) input range to bias
input bipolar signals. The REF20xx-Q1 provides a
reference voltage (VREF) for the ADC and a second
highly-accurate voltage (VBIAS) that can be used to
bias the input bipolar signals.
The REF20xx-Q1 offers excellent temperature drift
(8 ppm/°C, maximum) and initial accuracy (0.05%)
on both the VREF and VBIAS outputs while operating
at a quiescent current less than 430 µA. In addition,
the VREF and VBIAS outputs track each other with
a precision of 7 ppm/°C (maximum) across the
temperature range of –40°C to 125°C. All these
features increase the precision of the signal chain and
decrease board space, while reducing the cost of the
system as compared to a discrete solution. Extremely
low dropout voltage of only 10 mV allows operation
from very low input voltages, which can be very useful
in battery-operated systems.
Both the VREF and VBIAS voltages have the same
excellent specifications and can sink and source
current equally well. Very good long-term stability and
low noise levels make these devices ideally-suited for
high-precision applications.
Device Information
PART NAME
PACKAGE (1)
BODY SIZE (NOM)
REF20xx-Q1
SOT-23 (5)
2.90 mm × 1.60 mm
(1)
For all available packages, see the orderable addendum at
the end of the datasheet.
INA240-Q1
VIN
REF20-Q1
VREF = 3.0 V
VBIAS = 1.5 V
EN
ADC
GND
ISENSE
RSHUNT
VIN-
VIN+
REF1
VOUT
Power
Supply
REF2
Application Example
-0.05
-0.04
-0.03
-0.02
-0.01
0
0.01
0.02
0.03
0.04
0.05
±75
±50
±25
0
25
50
75
100
125
150
Temperature (ƒC)
C001
VREF
V
BIAS
VREF and VBIAS vs Temperature
REF20-Q1
SBOSA80 – DECEMBER 2021
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - REF2030-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
REF2030 TI1-REF2030 Datasheet
2Mb / 32P
Voltage References
REF2030 TI1-REF2030 Datasheet
2Mb / 33P
Low-Drift, Low-Power, Dual-Output, VREF and VREF / 2 Voltage References
REF2030 TI2-REF2030 Datasheet
3Mb / 37P
REF20xx Low-Drift, Low-Power, Dual-Output, VREF and VREF / 2 Voltage References
REVISED FEBRUARY 2022
REF2030AIDDCR TI1-REF2030AIDDCR Datasheet
2Mb / 32P
Voltage References
REF2030AIDDCR TI1-REF2030AIDDCR Datasheet
2Mb / 33P
Low-Drift, Low-Power, Dual-Output, VREF and VREF / 2 Voltage References
More results

Similar Description - REF2030-Q1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC1404 ONSEMI-MC1404 Datasheet
105Kb / 8P
PRECISION LOW DRIFT VOLTAGE REFERENCES
REV 2
logo
Texas Instruments
REF1925 TI-REF1925_15 Datasheet
2Mb / 31P
REF19xx Low-Drift, Low-Power, Dual-Output, VREF and VREF / 2 Voltage References
REF2025 TI-REF2025_15 Datasheet
2Mb / 32P
REF20xx Low-Drift, Low-Power, Dual-Output, VREF and VREF / 2 Voltage References
REF2025 TI1-REF2025_18 Datasheet
2Mb / 33P
Low-Drift, Low-Power, Dual-Output, VREF and VREF / 2 Voltage References
REF3425-Q1 TI1-REF3425-Q1 Datasheet
1Mb / 28P
Low-Drift, Low-Power, Small-Footprint Series Voltage References
REF3425-Q1 TI1-REF3425-Q1_18 Datasheet
1Mb / 28P
Low-Drift, Low-Power, Small-Footprint Series Voltage References
REF34-Q1 TI-REF34-Q1_V01 Datasheet
2Mb / 34P
REF34-Q1 Low-Drift, Low-Power, Small-Footprint Series Voltage References
REF34-Q1 TI-REF34-Q1_V02 Datasheet
4Mb / 38P
REF34-Q1 Low-Drift, Low-Power, Small-Footprint Series Voltage References
REF34-Q1 TI-REF34-Q1_V03 Datasheet
4Mb / 38P
REF34-Q1 Low-Drift, Low-Power, Small-Footprint Series Voltage References
REF34-Q1 TI-REF34-Q1_V04 Datasheet
4Mb / 38P
REF34-Q1 Low-Drift, Low-Power, Small-Footprint Series Voltage References
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com