Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

REF2030-Q1 Datasheet(PDF) 21 Page - Texas Instruments

Part # REF2030-Q1
Description  REF20xx-Q1 Low-Drift, Low-Power, Dual-Output, VREF and VREF / 2 Voltage References
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

REF2030-Q1 Datasheet(HTML) 21 Page - Texas Instruments

Back Button REF2030-Q1 Datasheet HTML 17Page - Texas Instruments REF2030-Q1 Datasheet HTML 18Page - Texas Instruments REF2030-Q1 Datasheet HTML 19Page - Texas Instruments REF2030-Q1 Datasheet HTML 20Page - Texas Instruments REF2030-Q1 Datasheet HTML 21Page - Texas Instruments REF2030-Q1 Datasheet HTML 22Page - Texas Instruments REF2030-Q1 Datasheet HTML 23Page - Texas Instruments REF2030-Q1 Datasheet HTML 24Page - Texas Instruments REF2030-Q1 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
10.2.1.1 Design Requirements
The design requirements are as follows:
1. Supply voltage: 5.0 V
2. Load current: ±2.5 A
3. Output: 250 mV to 2.75 V
4. Maximum shunt voltage: ±25 mV
10.2.1.2 Detailed Design Procedure
Low-side current sensing is desirable because the common-mode voltage is near ground. Therefore, the current-
sensing solution is independent of the bus voltage, VBUS. When sensing bidirectional currents, use a differential
amplifier with a reference pin. This procedure allows for the differentiation between positive and negative
currents by biasing the output stage such that it can respond to negative input voltages. There are a variety of
methods for supplying power (V+) and the reference voltage (VREF, or VBIAS) to the differential amplifier. For a
low-drift solution, use a monolithic reference that supplies both power and the reference voltage. Figure 10-2
shows the general circuit topology for a low-drift, low-side, bidirectional, current-sensing solution. This topology
is particularly useful when interfacing with an ADC; see Figure 10-1. Not only do VREF and VBIAS track over
temperature, but their matching is much better than alternate topologies.
R
SHUNT
±I
LOAD
V
BUS
IN+
IN-
OUT
+
Reference
V
CC
V
REF
V
BIAS
V
IN
EN
GND
GND
V
OUT
REF20-Q1
INA240-Q1
+
–
+
–
± V
SHUNT
+
REF1
VS
REF2
Figure 10-2. Low-Drift, Low-Side, Bidirectional, Current-Sensing Circuit Topology
The transfer function for the circuit given in Figure 10-2 is as shown in Equation 5:
‡
‡
‡
OUT
SHUNT
BIAS
LOAD
SHUNT
BIAS
V
G
V
V
G
I
R
V
r
r
(5)
www.ti.com
REF20-Q1
SBOSA80 – DECEMBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: REF20-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com