Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

REF2030-Q1 Datasheet(PDF) 19 Page - Texas Instruments

Part # REF2030-Q1
Description  REF20xx-Q1 Low-Drift, Low-Power, Dual-Output, VREF and VREF / 2 Voltage References
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

REF2030-Q1 Datasheet(HTML) 19 Page - Texas Instruments

Back Button REF2030-Q1 Datasheet HTML 15Page - Texas Instruments REF2030-Q1 Datasheet HTML 16Page - Texas Instruments REF2030-Q1 Datasheet HTML 17Page - Texas Instruments REF2030-Q1 Datasheet HTML 18Page - Texas Instruments REF2030-Q1 Datasheet HTML 19Page - Texas Instruments REF2030-Q1 Datasheet HTML 20Page - Texas Instruments REF2030-Q1 Datasheet HTML 21Page - Texas Instruments REF2030-Q1 Datasheet HTML 22Page - Texas Instruments REF2030-Q1 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 34 page
background image
The tracking accuracy is as shown in Figure 9-1.
-0.05
-0.04
-0.03
-0.02
-0.01
0
0.01
0.02
0.03
0.04
0.05
±75
±50
±25
0
25
50
75
100
125
150
Temperature (ƒC)
C001
VREF
V
BIAS
Figure 9-1. VREF and VBIAS Tracking vs Temperature
9.3.2 Low Temperature Drift
The REF20xx-Q1 is designed for minimal drift error, which is defined as the change in output voltage over
temperature. The drift is calculated using the box method, as described by Equation 3:
REF(MAX)
REF(MIN)
6
REF
V
V
Drift
10
(ppm)
V
Temperature Range
§
·
x
¨
¸
x
©
¹
(3)
9.3.3 Load Current
The REF20xx-Q1 family is specified to deliver a current load of ±20 mA per output. Both the VREF and VBIAS
outputs of the device are protected from short circuits by limiting the output short-circuit current to 50 mA. The
device temperature increases according to Equation 4:
‡
J
A
D
-$
T
T
P
R
(4)
where
• TJ = junction temperature (°C)
• TA = ambient temperature (°C)
• PD = power dissipated (W)
• RθJA = junction-to-ambient thermal resistance (°C/W)
The REF20xx-Q1 maximum junction temperature must not exceed the absolute maximum rating of 150°C.
9.4 Device Functional Modes
When the EN pin of the REF20xx-Q1 is pulled high, the device is in active mode. The device must be in active
mode for normal operation. The REF20xx-Q1 can be placed in a low-power mode by pulling the ENABLE pin
low. When in shutdown mode, the output of the device becomes high impedance and the quiescent current of
the device reduces to 5 µA in shutdown mode. See the Section 7.5 for logic high and logic low voltage levels.
www.ti.com
REF20-Q1
SBOSA80 – DECEMBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
19
Product Folder Links: REF20-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com