Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMX250 Datasheet(PDF) 11 Page - Yamar Electronics Ltd.

Part # DMX250
Description  DMX/RDM Over Powerline Transceiver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAR [Yamar Electronics Ltd.]
Direct Link  http://www.yamar.com
Logo YAMAR - Yamar Electronics Ltd.

DMX250 Datasheet(HTML) 11 Page - Yamar Electronics Ltd.

Back Button DMX250 Datasheet HTML 7Page - Yamar Electronics Ltd. DMX250 Datasheet HTML 8Page - Yamar Electronics Ltd. DMX250 Datasheet HTML 9Page - Yamar Electronics Ltd. DMX250 Datasheet HTML 10Page - Yamar Electronics Ltd. DMX250 Datasheet HTML 11Page - Yamar Electronics Ltd. DMX250 Datasheet HTML 12Page - Yamar Electronics Ltd. DMX250 Datasheet HTML 13Page - Yamar Electronics Ltd. DMX250 Datasheet HTML 14Page - Yamar Electronics Ltd. DMX250 Datasheet HTML 15Page - Yamar Electronics Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
Data may be changed without notice - Proprietary information of Yamar Electronics Ltd.
©2019-2022 Yamar Electronics Ltd.
11
DS-DMX250 R 0.80
www.yamar.com
Tel: +972-3-5445294 Fax: +972-3-5445279
-
Start of frame preamble length
- 64usec
-
Arbitration pattern length (For RDM Discovery only) - 336 usec.
-
Packet length
- 180usec
Figure 12 – Frame (Message) structure
3.3.2
Transmit flow
Upon detecting the DMX/RDM start of message on the HDI pin, the DMX250 initiates a new powerline frame
containing the DMX/RDM message data bytes. A DMX/RDM frame contains a single DMX/RDM message sent from
the DMX-controller.
3.3.3
Receive flow
Upon detecting a powerline frame, the frame is decoded back into the DMX/RDM original message and sent
sequentially to the DMX-controller through the HDO pin.
3.3.4
Auto Arbitration mode (RDM Discovery)
The Arbitration mode is used to prioritize messages over the powerline when the RDM discovery process is
activated by the DMX-controller. The arbitration mechanism is used to allow the message with higher priority
(lower arbitration ID) to gain access and transmit its message over the DC-BUS. When an RDM discovery response
message from an RDM slave is detected, the powerline frame will begin with an arbitration sequence to gain
access to the powerline. In case the arbitration has passed successfully, then the DMX250 will proceed with data
frame transmission, else, the DMX250 will abort the transmission and receive the message from another DMX250
device.
3.4
Carrier frequency settings
Users can define carrier frequency from 5MHz to 30MHz with a spacing of 100 kHz (A total of 251 selectable
carriers). The active carrier frequency selection is made either by setting FREQ_SEL[4:0] pins or by configuring
REG_2 (see ‎5.2). After a power-up or hard-reset event, the carrier frequency is set according to FREQ_SEL[4:0]
state (see Table 7). Then, the carrier frequency is updated according to either REG_2 configuration or
FREQ_SEL[4:0] changed status. The last action prevails.
Upon completion of configuration, the DMX250 will update its operating carrier frequency within 1msec. During
this 1msec period, the DMX250 is kept in Soft-reset and will not communicate with its DMX-controller nor detect
new frames (messages) from the powerline.
When setting multiple DMX250 networks to operate over a single powerline, it is recommended to select carrier
frequencies spaced more than 1.5MHz from each other.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com