Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMX250 Datasheet(PDF) 18 Page - Yamar Electronics Ltd.

Part # DMX250
Description  DMX/RDM Over Powerline Transceiver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAR [Yamar Electronics Ltd.]
Direct Link  http://www.yamar.com
Logo YAMAR - Yamar Electronics Ltd.

DMX250 Datasheet(HTML) 18 Page - Yamar Electronics Ltd.

Back Button DMX250 Datasheet HTML 14Page - Yamar Electronics Ltd. DMX250 Datasheet HTML 15Page - Yamar Electronics Ltd. DMX250 Datasheet HTML 16Page - Yamar Electronics Ltd. DMX250 Datasheet HTML 17Page - Yamar Electronics Ltd. DMX250 Datasheet HTML 18Page - Yamar Electronics Ltd. DMX250 Datasheet HTML 19Page - Yamar Electronics Ltd. DMX250 Datasheet HTML 20Page - Yamar Electronics Ltd. DMX250 Datasheet HTML 21Page - Yamar Electronics Ltd. DMX250 Datasheet HTML 22Page - Yamar Electronics Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
Data may be changed without notice - Proprietary information of Yamar Electronics Ltd.
©2019-2022 Yamar Electronics Ltd.
18
DS-DMX250 R 0.80
www.yamar.com
Tel: +972-3-5445294 Fax: +972-3-5445279
5.
DMX250 Registers
The DMX250 contains internal registers for configuration and status checks. Each of these registers is accessible by
the DMX-controller for Read and Write operations. The access to these registers is different for each interface
protocol and described in the protocol interfaces sections. This section elaborates on the registers and their
default values after power-up/reset.
Table 11 - Registers summary table
Register name
Addr.
Description
REG_1 - 'Device Control 1'
0x01
Transmit level control
REG_2 - 'Frequency Select'
0x02
Carrier frequency selection
Reg_3 - 'Sleep Control'
0x03
Sleep modes control
REG_59 – DMX250 UUID[47:40]
0x59
Read only - UUID[47:40]
REG_5A - DMX250 UUID[39:32]
0x5A
Read only - UUID[39:32]
REG_5B - DMX250 UUID[31:24]
0x5B
Read only - UUID[31:24]
REG_5C - DMX250 UUID[23:16]
0x5C
Read only - UUID[23:16]
REG_5D - DMX250 UUID[15:8]
0x5D
Read only - UUID[15:8]
REG_5E - DMX250 UUID[7:0]
0x5E
Read only - UUID[7:0]
5.1
REG_1 - 'Device Control 1' (Address 0x01)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
[1]
[1]
[1]
[1]
R/W [1]
[0]
[0]
R/W [0]
1
1
1
1
TX signal level
0
0
Enable TXO
high power
Bit [0]
- Enable TXO high power. Set this bit to enable maximal TXO drive of 66mA, clear this bit for maximal
TXO drive of 33mA (see section ‎2.5.6).
Bit [1]
- '0'
Bit [2]
- '0'
Bit [3]
- TX signal level control at TXO pin: '0' = 1Vpp, '1'- 2Vpp (see section ‎2.5.6).
Bit [7:4]
- '1111'
R - Readable bit,
W - Writeable bit
[x] - Value on power-up. ‘1’ - bit is set; ‘0’ - bit is cleared
5.2
REG_2 - 'Frequency Select' (Address 0x02)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
R/W [0]
R/W [1]
R/W [0]
R/W [1]
R/W [0]
R/W [0]
R/W [0]
R/W [0]
Carrier Frequency Configuration
Bits [7:0]
- Carrier Frequency configuration from in-band. Default configuration is 13MHz
(See section ‎3.4 - Carrier frequency ).
5.3
REG_3 - 'Sleep Control (Address 0x03)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
W [0]
[0]
[0]
[0]
R/W [1]
R/W [1]
R/W [0]
R/W [0]
Enter Sleep
mode
0
0
0
Auto WUM
Long WUM
Sleep modes
selection
Bit [1:0]
- '00' - Enhanced Sleep mode [SLP1], '01' -Fast wake-up Sleep mode[SLP2], '10' - Low-power sleep
mode [SLP3], '11' - Deep Sleep mode [SLP4] (see section ‎4.3).
Bit [2]
- Control powerline wake-up message duration (see Table 10).
Bit [3]
-Auto wake-up message (WUM): ‘0’ disables transmission of WUM after wakeup from NSLEEP pin.
Bits [6:4]
- '0'
Bit [7]
- Enter Sleep mode reg. Instead of entering Sleep mode through the NSLEEP pin, the user can activate
the Sleep mode selected in bits [1:0], by setting bit[7]. After entering Sleep mode, bit [7] is
automatically cleared to '0'.
R - Readable bit,
W - Writeable bit
[x] - Value on power-up. ‘1’ - bit is set; ‘0’ - bit is cleared



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com