Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMX250 Datasheet(PDF) 25 Page - Yamar Electronics Ltd.

Part # DMX250
Description  DMX/RDM Over Powerline Transceiver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAR [Yamar Electronics Ltd.]
Direct Link  http://www.yamar.com
Logo YAMAR - Yamar Electronics Ltd.

DMX250 Datasheet(HTML) 25 Page - Yamar Electronics Ltd.

Back Button DMX250 Datasheet HTML 20Page - Yamar Electronics Ltd. DMX250 Datasheet HTML 21Page - Yamar Electronics Ltd. DMX250 Datasheet HTML 22Page - Yamar Electronics Ltd. DMX250 Datasheet HTML 23Page - Yamar Electronics Ltd. DMX250 Datasheet HTML 24Page - Yamar Electronics Ltd. DMX250 Datasheet HTML 25Page - Yamar Electronics Ltd. DMX250 Datasheet HTML 26Page - Yamar Electronics Ltd. DMX250 Datasheet HTML 27Page - Yamar Electronics Ltd. DMX250 Datasheet HTML 28Page - Yamar Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
Data may be changed without notice - Proprietary information of Yamar Electronics Ltd.
©2019-2022 Yamar Electronics Ltd.
25
DS-DMX250 R 0.80
www.yamar.com
Tel: +972-3-5445294 Fax: +972-3-5445279
8.
Package, Mechanical
The device package is QFN 32 5mm x 5mm.
8.1
Mechanical Drawing
8.2
PCB drawing
8.3
Soldering profile
Soldering reflow profile is according to IPC/JEDEC J-STD-020 (MSL3).
 The peak temperature (TP) is 260°C.
 Holding time is between 60 sec to 120 sec between TH min 150°C to TH max 200°C.
 Liquidus temperature (TL) is 217 °C. Liquidus time is between 60 sec to 150 sec.
 TL to TP max ramp-up is 3°C/sec.
 TP to TL max cooldown rate is 6°C/sec.
 Max time above 255°C (Tp) is 30 sec.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com