Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMX250 Datasheet(PDF) 4 Page - Yamar Electronics Ltd.

Part # DMX250
Description  DMX/RDM Over Powerline Transceiver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAR [Yamar Electronics Ltd.]
Direct Link  http://www.yamar.com
Logo YAMAR - Yamar Electronics Ltd.

DMX250 Datasheet(HTML) 4 Page - Yamar Electronics Ltd.

  DMX250 Datasheet HTML 1Page - Yamar Electronics Ltd. DMX250 Datasheet HTML 2Page - Yamar Electronics Ltd. DMX250 Datasheet HTML 3Page - Yamar Electronics Ltd. DMX250 Datasheet HTML 4Page - Yamar Electronics Ltd. DMX250 Datasheet HTML 5Page - Yamar Electronics Ltd. DMX250 Datasheet HTML 6Page - Yamar Electronics Ltd. DMX250 Datasheet HTML 7Page - Yamar Electronics Ltd. DMX250 Datasheet HTML 8Page - Yamar Electronics Ltd. DMX250 Datasheet HTML 9Page - Yamar Electronics Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
Data may be changed without notice - Proprietary information of Yamar Electronics Ltd.
©2019-2022 Yamar Electronics Ltd.
4
DS-DMX250 R 0.80
www.yamar.com
Tel: +972-3-5445294 Fax: +972-3-5445279
2.4
Pin configuration and function
2.4.1
Pinout diagram
Figure 3 - DMX250 pinout diagram in QFN32 5x5mm package
2.4.2
Signals and Pinout description
Table 1 - Pinout description
Name
Pin #
Pin type
Internal
PU/PD
Description
HDO
7
Output
12mA
Digital data output signal. Outputs the received data from the
powerline or from internal registers to the DMX-controller.
HDI
8
Digital input
PU
Digital data input signal. Transfers data from the DMX-
controller to the powerline or the internal registers.
HDC
6
Digital input
PU
Data / command input, enables read and write from/to
DMX250 control registers (see section ‎5.10)
TEST
1
Digital Input
PD
Should be connected to GND.
NRESET
2
Digital Input
PU
Reset, active low.
NSLEEP
17
Digital Input
Sleep mode control input (see section ‎4.3).
Should be pull-up to 3.3V when not in use.
FREQ_SEL4
9
Digital Input
Carrier Frequency selection inputs.
See Table 7.
FREQ_SEL3
10
FREQ_SEL2
11
FREQ_SEL1
12
FREQ_SEL0
13
NC
15
Should be left floated.
INH
18
Digital Output
8mA
When high, DMX250 is in Normal mode
When low, DMX250 is in Sleep mode
TXON
16
Output
12mA
TX_ON output - High when transmission onto the powerline
is active.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com