Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4131C/D Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX4131C/D
Description  Single/Dual/Quad, Wide-Bandwidth, Low-Power, Single-Supply, Rail-to-Rail I/O Op Amps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4131C/D Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX4131C/D Datasheet HTML 5Page - Maxim Integrated Products MAX4131C/D Datasheet HTML 6Page - Maxim Integrated Products MAX4131C/D Datasheet HTML 7Page - Maxim Integrated Products MAX4131C/D Datasheet HTML 8Page - Maxim Integrated Products MAX4131C/D Datasheet HTML 9Page - Maxim Integrated Products MAX4131C/D Datasheet HTML 10Page - Maxim Integrated Products MAX4131C/D Datasheet HTML 11Page - Maxim Integrated Products MAX4131C/D Datasheet HTML 12Page - Maxim Integrated Products MAX4131C/D Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
MAX4130–MAX4134
Single/Dual/Quad, Wide-Bandwidth, Low-Power,
Single-Supply, Rail-to-Rail I/O Op Amps
9
Maxim Integrated
Pin Description
R3
R3 = R1
R2
R1
R2
MAX4130
MAX4131
MAX4132
MAX4133
MAX4134
Figure 1a. Reducing Offset Error Due to Bias Current
(Noninverting)
R3
R3 = R1
R2
R1
R2
MAX4130
MAX4131
MAX4132
MAX4133
MAX4134
Figure 1b. Reducing Offset Error Due to Bias Current
(Inverting)
PIN
MAX4131
MAX4130
SO/µMAX
UCSP
MAX4132
MAX4133
MAX4134
NAME
FUNCTION
1
6
A2
—
—
—
OUT
Output
2
4
A1
4
4
11
VEE
Negative Supply. Connect to
GND for single-supply operation.
3
3
B1
—
—
—
IN+
Noninverting Input
4
2
B2
—
—
—
IN-
Inverting Input
5
7
A3
8
14
4
VCC
Positive Supply
—
1, 5
—
—
5, 7, 8, 10
—
N.C.
No Connection. Not internally
connected.
—8
B3
—
—
SHDN
Shutdown Control. Connect to
VCC or leave floating to enable
amplifier.
—
—
—
1, 7
1, 13
1, 7
OUT1, OUT2 Outputs for Amps 1 and 2
—
—
—
2, 6
2, 12
2, 6
IN1-, IN2-
Inverting Inputs for Amps 1 and 2
—
—
—
3, 5
3, 11
3, 5
IN1+, IN2+
Noninverting Inputs for Amps 1
and 2
—
———
6, 9
—
SHDN1,
SHDN2
Shutdown Control. Provides
independent shutdown control for
amps 1 and 2. Connect to VCC or
leave floating to enable
amplifiers.
—
—
—
—
—
8, 14
OUT3,
OUT4
Outputs for Amps 3 and 4
—
—
—
—
—
9, 13
IN3-, IN4-
Inverting Inputs for Amps 3 and 4
—
—
—
—
—
10, 12
IN3+, IN4+
Noninverting Inputs for Amps 3
and 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com