Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4131C/D Datasheet(PDF) 12 Page - Maxim Integrated Products

Part # MAX4131C/D
Description  Single/Dual/Quad, Wide-Bandwidth, Low-Power, Single-Supply, Rail-to-Rail I/O Op Amps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4131C/D Datasheet(HTML) 12 Page - Maxim Integrated Products

Back Button MAX4131C/D Datasheet HTML 8Page - Maxim Integrated Products MAX4131C/D Datasheet HTML 9Page - Maxim Integrated Products MAX4131C/D Datasheet HTML 10Page - Maxim Integrated Products MAX4131C/D Datasheet HTML 11Page - Maxim Integrated Products MAX4131C/D Datasheet HTML 12Page - Maxim Integrated Products MAX4131C/D Datasheet HTML 13Page - Maxim Integrated Products MAX4131C/D Datasheet HTML 14Page - Maxim Integrated Products MAX4131C/D Datasheet HTML 15Page - Maxim Integrated Products MAX4131C/D Datasheet HTML 16Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
MAX4130–MAX4134
Single/Dual/Quad, Wide-Bandwidth, Low-Power,
Single-Supply, Rail-to-Rail I/O Op Amps
12
Maxim Integrated
Power-Up and Shutdown Mode
The MAX4130–MAX4134 amplifiers typically settle with-
in 1µs after power-up. Figures 9 and 10 show the out-
put voltage and supply current on power-up, using the
test circuit of Figure 8.
The MAX4131 and MAX4133 have a shutdown option.
When the shutdown pin (SHDN) is pulled low, the sup-
ply current drops below 25µA per amplifier and the
amplifiers are disabled with the outputs in a high-
impedance state. Pulling SHDN high or leaving it float-
ing enables the amplifier. In the dual-amplifier
MAX4133, the shutdown functions operate indepen-
dently. Figures 11 and 12 show the output voltage and
supply current responses of the MAX4131 to a shut-
down pulse, using the test circuit of Figure 8.
RS
CL
Figure 7. Capacitive-Load Driving Circuit
SHDN
OUT
0V TO 2.7V
STEP FOR
SHUTDOWN
TEST
0V TO 2.7V STEP
FOR POWER-UP
TEST; 2.7V FOR
SHUTDOWN
ENABLE TEST
SUPPLY-CURRENT
MONITORING POINT
VCC
*0.1μF
10
Ω
2k
Ω
*FOR SHUTDOWN TEST ONLY.
10k
Ω
2k
Ω
Figure 8. Power-Up/Shutdown Test Circuit
VCC
TIME (5
μs/div)
OUT
Figure 9. Power-Up Output Voltage
VCC
(1V/div)
TIME (5
μs/div)
IEE
(500
μA/div)
Figure 10. Power-Up Supply Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com