Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4131C/D Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX4131C/D
Description  Single/Dual/Quad, Wide-Bandwidth, Low-Power, Single-Supply, Rail-to-Rail I/O Op Amps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4131C/D Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX4131C/D Datasheet HTML 1Page - Maxim Integrated Products MAX4131C/D Datasheet HTML 2Page - Maxim Integrated Products MAX4131C/D Datasheet HTML 3Page - Maxim Integrated Products MAX4131C/D Datasheet HTML 4Page - Maxim Integrated Products MAX4131C/D Datasheet HTML 5Page - Maxim Integrated Products MAX4131C/D Datasheet HTML 6Page - Maxim Integrated Products MAX4131C/D Datasheet HTML 7Page - Maxim Integrated Products MAX4131C/D Datasheet HTML 8Page - Maxim Integrated Products MAX4131C/D Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
MAX4130–MAX4134
Single/Dual/Quad, Wide-Bandwidth, Low-Power,
Single-Supply, Rail-to-Rail I/O Op Amps
3
Maxim Integrated
DC ELECTRICAL CHARACTERISTICS (continued)
(VCC = +2.7V to +6.5V, VEE = 0V, VCM = 0V, VOUT = VCC/2, RL tied to VCC/2, SHDN ≥ 2V (or open), TA = +25°C, unless
otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
VOUT = 0.25V to 2.45V,
RL = 100k
Ω
92
108
VCC = 2.7V
VOUT = 0.4V to 2.3V,
RL = 250
Ω
72
82
VOUT = 0.25V to 4.75V,
RL = 100k
Ω
94
108
Large-Signal Voltage Gain
AV
VCC = 5V
VOUT = 0.4V to 4.6V,
RL = 250
Ω
75
86
dB
VCC - VOH
12
20
RL = 100k
Ω
VOL - VEE
20
35
VCC - VOH
240
290
MAX4130/
MAX4131
RL = 250
Ω
VOL - VEE
125
170
VCC - VOH
15
30
RL = 100k
Ω
VOL - VEE
25
40
VCC - VOH
280
330
Output Voltage Swing
VO
MAX4132/
MAX4133/
MAX4134
RL = 250
Ω
VOL - VEE
180
230
mV
Output Short-Circuit Current
ISC
50
mA
VIL
Low
0.8
SHDN Logic Threshold
VIH
MAX4131–MAX4134
High
2.0
V
SHDN Input Current
IIL
MAX4131–MAX4134
±1
±3
µA
Operating Supply Voltage
Range
VCC
2.7
6.5
V
VCC = 2.7V
900
1050
Supply Current per Amplifier
ICC
VCM = VOUT = VCC/2
VCC = 5V
1000
1150
µA
VCC = 2.7V
25
40
Shutdown Supply Current per
Amplifier
ISHDN
SHDN > 0.8V, MAX4131–
MAX4134
VCC = 5V
40
60
µA
DC ELECTRICAL CHARACTERISTICS
(VCC = +2.7V to +6.5V, VEE = 0V, VCM = 0V, VOUT = VCC/2, RL tied to VCC/2, SHDN ≥ 2V (or open), TA = -40°C to +85°C, unless
otherwise noted.) (Note 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
MAX4130EUK
±3.50
MAX4131ESA
±0.75
MAX4131EUA/MAX4131EBT
±4.40
MAX4132ESA/MAX4133ESD
±0.95
MAX4132EUA
±4.70
Input Offset Voltage
VOS
VCM = VEE to
VCC
MAX4134ESD
±4.00
mV
Input Offset Voltage Tempco
TCVOS
±2
µV/°C
Input Bias Current
IB
VCM = VEE to VCC
±160
nA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com