Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4131C/D Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX4131C/D
Description  Single/Dual/Quad, Wide-Bandwidth, Low-Power, Single-Supply, Rail-to-Rail I/O Op Amps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4131C/D Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX4131C/D Datasheet HTML 1Page - Maxim Integrated Products MAX4131C/D Datasheet HTML 2Page - Maxim Integrated Products MAX4131C/D Datasheet HTML 3Page - Maxim Integrated Products MAX4131C/D Datasheet HTML 4Page - Maxim Integrated Products MAX4131C/D Datasheet HTML 5Page - Maxim Integrated Products MAX4131C/D Datasheet HTML 6Page - Maxim Integrated Products MAX4131C/D Datasheet HTML 7Page - Maxim Integrated Products MAX4131C/D Datasheet HTML 8Page - Maxim Integrated Products MAX4131C/D Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
MAX4130–MAX4134
Single/Dual/Quad, Wide-Bandwidth, Low-Power,
Single-Supply, Rail-to-Rail I/O Op Amps
4
Maxim Integrated
DC ELECTRICAL CHARACTERISTICS
(VCC = +2.7V to +6.5V, VEE = 0V, VCM = 0V, VOUT = VCC/2, RL tied to VCC/2, SHDN ≥ 2V (or open), TA = -40°C to +85°C, unless
otherwise noted.) (Note 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
MAX4131EBT
±24
Input Offset Current
IOS
VCM = VEE to VCC
All other packages
±18
nA
Common-Mode Input Voltage
Range
CMVR
VEE -
0.20
VCC +
0.20
V
MAX4130EUK
62
MAX4131ESA
76
MAX4131EUA/MAX4131EBT
60
MAX4132ESA/MAX4133ESD
74
MAX4132EUA
58
Common-Mode Rejection Ratio
CMRR
VEE - 0.2V
< VCM < VCC
+ 0.2V
MAX4134ESD
60
dB
Power-Supply Rejection Ratio
PSRR
VCC = 2.7V to 6.5V
74
dB
Off-Leakage Current
ILKG
SHDN < 0.8V, VOUT = 0V to VCC
±12
µA
VOUT = 0.25V to 2.45V,
RL = 100k
Ω
84
VCC = 2.7V
VOUT = 0.4V to 2.3V,
RL = 250
Ω
66
VOUT = 0.25V to 4.75V,
RL = 100k
Ω
86
Large-Signal Voltage Gain
AV
VCC = 5V
VOUT = 0.4V to 4.6V,
RL = 250
Ω
68
dB
VCC - VOH
25
RL = 100k
Ω
VOL - VEE
40
VCC - VOH
300
MAX4130/
MAX4131ESA/
MAX4131EUA
RL = 250
Ω
VOL - VEE
190
VCC - VOH
25
RL = 100k
Ω
VOL - VEE
40
VCC - VOH
350
MAX4131EBT
RL = 250
Ω
VOL - VEE
190
VCC - VOH
35
RL = 100k
Ω
VOL - VEE
50
VCC - VOH
350
Output Voltage Swing
VO
MAX4132/
MAX4133/
MAX4134
RL = 250
Ω
VOL - VEE
250
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com