Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4131C/D Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX4131C/D
Description  Single/Dual/Quad, Wide-Bandwidth, Low-Power, Single-Supply, Rail-to-Rail I/O Op Amps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4131C/D Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX4131C/D Datasheet HTML 1Page - Maxim Integrated Products MAX4131C/D Datasheet HTML 2Page - Maxim Integrated Products MAX4131C/D Datasheet HTML 3Page - Maxim Integrated Products MAX4131C/D Datasheet HTML 4Page - Maxim Integrated Products MAX4131C/D Datasheet HTML 5Page - Maxim Integrated Products MAX4131C/D Datasheet HTML 6Page - Maxim Integrated Products MAX4131C/D Datasheet HTML 7Page - Maxim Integrated Products MAX4131C/D Datasheet HTML 8Page - Maxim Integrated Products MAX4131C/D Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
MAX4130–MAX4134
Single/Dual/Quad, Wide-Bandwidth, Low-Power,
Single-Supply, Rail-to-Rail I/O Op Amps
2
Maxim Integrated
ABSOLUTE MAXIMUM RATINGS
DC ELECTRICAL CHARACTERISTICS
(VCC = +2.7V to +6.5V, VEE = 0V, VCM = 0V, VOUT = VCC/2, RL tied to VCC/2, SHDN ≥ 2V (or open), TA = +25°C, unless
otherwise noted.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Supply Voltage (VCC - VEE) ...................................................7.5V
IN+, IN-, SHDN Voltage ...................(VCC + 0.3V) to (VEE - 0.3V)
Output Short-Circuit Duration (Note 1).......................Continuous
(short to either supply)
Continuous Power Dissipation (TA = +70°C)
5-Pin SOT23 (derate 7.1mW/°C above +70°C)............571mW
6-Bump UCSP (derate 2.9mW/°C above +70°C).........308mW
8-Pin SO (derate 5.88mW/°C above +70°C)................471mW
8-Pin µMAX (derate 4.10mW/°C above +70°C) ...........330mW
14-Pin SO (derate 8.00mW/°C above +70°C)..............640mW
Operating Temperature Range
MAX413_E__ ...................................................-40°C to +85°C
Maximum Junction Temperature .....................................+150°C
Storage Temperature Range .............................-65°C to +160°C
Lead Temperature (soldering, 10s) .................................+300°C
Bump Reflow Temperature .........................................+235°C
Note 1: Provided that the maximum package power-dissipation rating is not exceeded.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
MAX4130EUK
±0.35
±1.50
MAX4131ESA
±0.20
±0.60
MAX4131EUA/
MAX4131EBT
±0.35
±1.20
MAX4132ESA/
MAX4133ESD
±0.25
±0.75
MAX4132EUA
±0.40
±1.50
Input Offset Voltage
VOS
VCM = VEE to VCC
MAX4134ESD
±0.35
±1.50
mV
Input Bias Current
IB
VCM = VEE to VCC
±50
±150
nA
MAX4131EBT
±15
Input Offset Current
IOS
VCM = VEE to VCC
All other packages
±12
nA
Differential Input Voltage
RIN
-1.5V < VDIFF < 1.5V
500
k
Ω
Common-Mode Input Voltage
Range
CMVR
VEE -
0.25
VCC +
0.25
V
MAX4130EUK
67
90
MAX4131ESA
78
98
MAX4131EUA/
MAX4131EBT
68
88
MAX4132ESA/
MAX4133ESD
74
94
MAX4132EUA
66
86
Common-Mode Rejection Ratio
CMRR
VEE - 0.25V < VCM
< VCC + 0.25V
MAX4134ESD
64
84
dB
Power-Supply Rejection Ratio
PSRR
VCC = 2.7V to 6.5V
78
100
dB
Output Resistance
ROUT
AV = 1
0.1
Ω
Off-Leakage Current
ILKG
SHDN < 0.8V, VOUT = 0V to VCC
±0.1
±1
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com