Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32F303X6 Datasheet(PDF) 114 Page - STMicroelectronics

Part # STM32F303X6
Description  Arm® Cortex®-M4 32b MCUFPU, up to 64KB Flash, 16KB SRAM, 2 ADCs, 3 DACs, 3 comp., op-amp 2.0 - 3.6 V
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F303X6 Datasheet(HTML) 114 Page - STMicroelectronics

Back Button STM32F303X6 Datasheet HTML 110Page - STMicroelectronics STM32F303X6 Datasheet HTML 111Page - STMicroelectronics STM32F303X6 Datasheet HTML 112Page - STMicroelectronics STM32F303X6 Datasheet HTML 113Page - STMicroelectronics STM32F303X6 Datasheet HTML 114Page - STMicroelectronics STM32F303X6 Datasheet HTML 115Page - STMicroelectronics STM32F303X6 Datasheet HTML 116Page - STMicroelectronics STM32F303X6 Datasheet HTML 117Page - STMicroelectronics STM32F303X6 Datasheet HTML 118Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 124 page
background image
Package information
STM32F303x6/x8
114/124
DS9866 Rev 8
Figure 45. WLCSP - 49 ball, 3.89x3.74 mm, 0.5 mm pitch, wafer level chip scale,
recommended footprint
1. Dimensions are expressed in millimeters.
Table 74. WLCSP - 49 ball, 3.89x3.74 mm, 0.5 mm pitch, wafer level chip scale,
mechanical data
Symbol
millimeters
inches(1)
1. Values in inches are converted from mm and rounded to 4 decimal digits.
Min
Typ
Max
Min
Typ
Max
A
-
-
0.62
-
-
0.0244
A1
-
0.23
-
-
0.009
-
A2
-
0.36
-
-
0.014
-
A3
-
0.025(2)
2. A3 value is guaranteed by technology design value.
--
0.001
-
b
0.30
0.33
0.36
0.012
0.013
0.014
D
3.87
3.89
3.91
0.152
0.153
0.154
E
3.72
3.74
3.76
0.146
0.147
0.148
e
-
0.50
-
-
0.020
-
e1
-
3.00
-
-
0.118
-
e2
-
3.00
-
-
0.118
-
F
-
0.445(3)
3. This value is calculated from over value D and e1.
--
0.017
-
G
-
0.370(4)
4. This value is calculated from over value E and e2.
--
0.015
-
aaa
-
-
0.10
-
-
0.004
bbb
-
-
0.10
-
-
0.004
ccc
-
-
0.10
-
-
0.004
ddd
-
-
0.05
-
-
0.002
eee
-
-
0.05
-
-
0.002
B01F_WLCSP49_FP_V1
Dpad
Dsm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com