Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32F303X6 Datasheet(PDF) 116 Page - STMicroelectronics

Part # STM32F303X6
Description  Arm® Cortex®-M4 32b MCUFPU, up to 64KB Flash, 16KB SRAM, 2 ADCs, 3 DACs, 3 comp., op-amp 2.0 - 3.6 V
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F303X6 Datasheet(HTML) 116 Page - STMicroelectronics

Back Button STM32F303X6 Datasheet HTML 112Page - STMicroelectronics STM32F303X6 Datasheet HTML 113Page - STMicroelectronics STM32F303X6 Datasheet HTML 114Page - STMicroelectronics STM32F303X6 Datasheet HTML 115Page - STMicroelectronics STM32F303X6 Datasheet HTML 116Page - STMicroelectronics STM32F303X6 Datasheet HTML 117Page - STMicroelectronics STM32F303X6 Datasheet HTML 118Page - STMicroelectronics STM32F303X6 Datasheet HTML 119Page - STMicroelectronics STM32F303X6 Datasheet HTML 120Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 124 page
background image
Package information
STM32F303x6/x8
116/124
DS9866 Rev 8
7.6
UFQFPN32 package information
Figure 47. UFQFPN - 32 pin, 5 x 5 mm 0.5 mm pitch ultra thin fine pitch quad flat
package outline
1. Drawing is not in scale.
A09E_ME_V1
D1
E1
e
e
b
L
Pin 1 identifier
BOTTOM VIEW
A3
A3
A1
FRONT VIEW
DETAIL A
Pin 1 identifier
LASER MARKING AREA
TOP VIEW
E
SEATING
PLANE
D
A
A1
e
b
DETAIL A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com