Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA369BWS Datasheet(PDF) 15 Page - STMicroelectronics

Part # STA369BWS
Description  2.1-channel 40-watt high-efficiency digital audio system Sound Terminal®
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA369BWS Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STA369BWS Datasheet HTML 11Page - STMicroelectronics STA369BWS Datasheet HTML 12Page - STMicroelectronics STA369BWS Datasheet HTML 13Page - STMicroelectronics STA369BWS Datasheet HTML 14Page - STMicroelectronics STA369BWS Datasheet HTML 15Page - STMicroelectronics STA369BWS Datasheet HTML 16Page - STMicroelectronics STA369BWS Datasheet HTML 17Page - STMicroelectronics STA369BWS Datasheet HTML 18Page - STMicroelectronics STA369BWS Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 92 page
background image
DocID016861 Rev 7
15/92
STA369BWS
Electrical specifications
92
3.5
Electrical specifications for the power section
The specifications given in this section are valid for the operating conditions: VCC = 18 V,
f = 1 kHz, fsw = 384 kHz, Tamb = 25 °C and RL = 8 , unless otherwise specified.
Table 7. Electrical specifications - power section
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Po
Output power BTL
THD = 1%
-
16
-
W
THD = 10%
-
20
-
Output power SE
THD = 1%,RL= 4 
-7
-
W
THD = 10%,RL= 4  -9
-
RdsON
Power P-channel or N-channel MOSFET
ld = 0.75 A
-
-
250
m

gP
Power P-channel RdsON matching
ld = 0.75 A
-
100
-
%
gN
Power N-channel RdsON matching
ld = 0.75 A
-
100
-
%
Idss
Power P-channel/N-channel leakage
VCC = 20 V
-
-
1
A
tr
Rise time
Resistive load,
see Figure 3 below
-
-
10
ns
tf
Fall time
-
-
10
ns
IVCC
Supply current from VCC in power down
PWRDN = 0
-
0.3
-
A
Supply current from VCC in operation
PWRDN = 1
-
15
-
mA
IVDD
Supply current FFX processing
Internal clock =
49.152 MHz
-
55
-
mA
ILIM
Overcurrent limit
(1)
2.5
3.0
-
A
ISCP
Short -circuit protection
RL = 0 
3.0
3.6
-
A
VUVP
Undervoltage protection
-
-
-
4.3
V
tmin
Output minimum pulse width
No load
20
40
60
ns
DR
Dynamic range
-
-
100
-
dB
SNR
Signal to noise ratio, ternary mode
A-Weighted
-
100
-
dB
Signal to noise ratio binary mode
-
-
90
-
dB
THD+N
Total harmonic distortion + noise
FFX stereo mode,
Po = 1 W
f = 1 kHz
-
0.2
-
%
XTALK
Crosstalk
FFX stereo mode,
<5 kHz
One channel driven
at 1 W, other channel
measured
-80
-
dB
Peak efficiency, FFX mode
Po = 2 x 20 W
into 8

-90
-
%
Peak efficiency, binary modes
Po = 2 x 9 W into 4
+ 1 x 20 W into 8
-87
-
1. Limit the current if overcurrent warning detect adjustment bypass is enabled (register bit CONFC.OCRB on page 33).
When disabled refer to ISCP.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com