Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC5209 Datasheet(PDF) 27 Page - Microchip Technology

Part # MIC5209
Description  500 mA Low-Noise LDO Regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC5209 Datasheet(HTML) 27 Page - Microchip Technology

Back Button MIC5209 Datasheet HTML 22Page - Microchip Technology MIC5209 Datasheet HTML 23Page - Microchip Technology MIC5209 Datasheet HTML 24Page - Microchip Technology MIC5209 Datasheet HTML 25Page - Microchip Technology MIC5209 Datasheet HTML 26Page - Microchip Technology MIC5209 Datasheet HTML 27Page - Microchip Technology MIC5209 Datasheet HTML 28Page - Microchip Technology MIC5209 Datasheet HTML 29Page - Microchip Technology MIC5209 Datasheet HTML 30Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 27 / 30 page
background image
2017 - 2022 Microchip Technology Inc. and its subsidiaries
DS20005720B-page 27
MIC5209
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, contact your local Microchip representative or sales office
.
Examples:
a) MIC5209-1.8YM-TR:
500 mA Low-Noise LDO
Regulator, 1.8V Voltage,
–40°C to +125°C Temp. Range,
8-Lead SOIC, 2,500/Reel
b) MIC5209-1.8YM:
500 mA Low-Noise LDO
Regulator, 1.8V Voltage,
–40°C to +125°C Temp. Range,
8-Lead SOIC, 95/Tube
c) MIC5209-2.5YU-TR:
500 mA Low-Noise LDO
Regulator, 2.5V Voltage,
–40°C to +125°C Temp. Range,
5-Lead DDPAK, 750/Reel
d) MIC5209-2.5YU:
500 mA Low-Noise LDO
Regulator, 2.5V Voltage,
–40°C to +125°C Temp. Range,
5-Lead DDPAK, 50/Tube
e) MIC5209-3.0YS-TR:
500 mA Low-Noise LDO
Regulator, 3.0V Voltage,
–40°C to +125°C Temp. Range,
3-Lead SOT-223, 2,500/Reel
f) MIC5209-3.0YS:
500 mA Low-Noise LDO
Regulator, 3.0V Voltage,
–40°C to +125°C Temp. Range,
3-Lead SOT-223, 78/Tube
g) MIC5209YML-TR:
500 mA Low-Noise LDO
Regulator, Adj. Voltage,
–40°C to +125°C Temp. Range,
8-Lead VDFN, 5,000/Reel
h) MIC5209YML-T5:
500 mA Low-Noise LDO
Regulator, Adj. Voltage,
–40°C to +125°C Temp. Range,
8-Lead VDFN, 500/Reel
PART NO.
X
Package
Device
Device:
MIC5209:
500 mA Low Noise LDO Regulator
Voltage:
(blank) = Adjustable
1.8
= 1.8V
2.5
= 2.5V
3.0
= 3.0V
3.3
= 3.3V
3.6
= 3.6V
4.2
= 4.2V
5.0
= 5.0V
Temperature:
Y
=
–40°C to +125°C
Package:
M
=
8-Lead SOIC
ML =
8-Lead VDFN
S
=
3-Lead SOT-223
U
=
5-Lead DDPAK
Media Type:
TR = 2,500/Reel (SOIC, SOT-223)
TR = 750/Reel (DDPAK)
TR = 5,000/Reel (VDFN)
T5 = 500/Reel (VDFN)
(blank)= 50/Tube (DDPAK)
(blank)= 78/Tube (SOT-223)
(blank)= 95/Tube (SOIC)
X
Temperature
XX
–
Media Type
Note 1:
Tape and Reel identifier only appears in the
catalog part number description. This identifier is
used for ordering purposes and is not printed on
the device package. Check with your Microchip
Sales Office for package availability with the
Tape and Reel option.
–
X.X
Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com