Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC5209 Datasheet(PDF) 16 Page - Microchip Technology

Part # MIC5209
Description  500 mA Low-Noise LDO Regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC5209 Datasheet(HTML) 16 Page - Microchip Technology

Back Button MIC5209 Datasheet HTML 12Page - Microchip Technology MIC5209 Datasheet HTML 13Page - Microchip Technology MIC5209 Datasheet HTML 14Page - Microchip Technology MIC5209 Datasheet HTML 15Page - Microchip Technology MIC5209 Datasheet HTML 16Page - Microchip Technology MIC5209 Datasheet HTML 17Page - Microchip Technology MIC5209 Datasheet HTML 18Page - Microchip Technology MIC5209 Datasheet HTML 19Page - Microchip Technology MIC5209 Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
MIC5209
DS20005720B-page 16
2017 - 2022 Microchip Technology Inc. and its subsidiaries
5.0
PACKAGING INFORMATION
5.1
Package Marking Information
Note:
If the full seven-character YYWWNNN code cannot fit on the package, the following truncated codes are
used based on the available marking space:
6 Characters = YWWNNN; 5 Characters = WWNNN; 4 Characters = WNNN; 3 Characters = NNN;
2 Characters = NN; 1 Character = N
5-Pin SOT-223*
Example
SOIC-8 (Fixed)*
XXXX
XXXXNNNP
Example
5209
25YS722P
XXXX
-X.XXX
WNNN
5209
-3.3YM
9651
SOIC-8 (Adj.)*
Example
XXX
XXXXXX
WNNN
MIC
5209YM
1312
5-Pin DDPAK (Fixed)*
Example
8-Pin VDFN*
Example
Y
XXXX
NNN
XXXX
-X.XXX
WNNNP
5209
-3.3YU
5492P
5-Pin DDPAK (Adj)*
Example
XXX
XXXXXX
WNNNP
MIC
5209YU
1975P
Y
5209
916
Legend: XX...X Product code or customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC® designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
●, ▲, ▼ Pin one index is identified by a dot, delta up, or delta down (triangle
mark).
Note: In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information. Package may or may not include
the corporate logo.
Underbar (_) and/or Overbar (‾) symbol may not be to scale.
3
e
3
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com