Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC5209 Datasheet(PDF) 14 Page - Microchip Technology

Part # MIC5209
Description  500 mA Low-Noise LDO Regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC5209 Datasheet(HTML) 14 Page - Microchip Technology

Back Button MIC5209 Datasheet HTML 10Page - Microchip Technology MIC5209 Datasheet HTML 11Page - Microchip Technology MIC5209 Datasheet HTML 12Page - Microchip Technology MIC5209 Datasheet HTML 13Page - Microchip Technology MIC5209 Datasheet HTML 14Page - Microchip Technology MIC5209 Datasheet HTML 15Page - Microchip Technology MIC5209 Datasheet HTML 16Page - Microchip Technology MIC5209 Datasheet HTML 17Page - Microchip Technology MIC5209 Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 30 page
background image
MIC5209
DS20005720B-page 14
2017 - 2022 Microchip Technology Inc. and its subsidiaries
the number of clock outputs, and the type of level
shifter (from core logic levels to 2.5V levels). Intel
estimates a “worst-case” load of 320 mA.
The MIC5209 was designed to provide the 2.5V power
requirement for Slot-1 applications. Its guaranteed
performance of 2.5V ±3% at 500 mA allows adequate
margin for all systems, and the dropout voltage of
500 mV means that it operates from a “worst-case”
3.3V supply where the voltage can be as low as 3.0V.
FIGURE 4-5:
Slot-1 Power Supply.
A Slot-1 power supply (Figure 4-5) is easy to
implement. Only two capacitors are necessary, and
their values are not critical. CIN bypasses the internal
circuitry and should be at least 0.1 µF. COUT provides
output filtering, improves transient response, and
compensates the internal regulator control loop. Its
value should be at least 22 µF. CIN and COUT can be
increased as much as desired.
4.10.1
SLOT-1 POWER SUPPLY POWER
DISSIPATION
Powered from a 3.3V supply, the Slot-1 power supply
illustrated in Figure 4-5 has a nominal efficiency of
75%. At the maximum anticipated Slot-1 load
(320 mA), the nominal power dissipation is only
256 mW.
The SOT-223 package has sufficient thermal
characteristics for wide design margins when mounted
on a single-layer copper-clad printed circuit board. The
power dissipation of the MIC5209 is calculated using
the voltage drop across the device output current plus
supply voltage ground current.
Considering “worst-case” tolerances, the power
dissipation could be as high as:
EQUATION 4-2:
So:
EQUATION 4-3:
Resulting in:
EQUATION 4-4:
Using the maximum junction temperature of +125°C
and a θJC of 15°C/W for the SOT-223, 25°C/W for the
SOIC-8, or 3°C/W for the DDPAK package, the
following worst-case heat-sink thermal resistance (θSA)
requirements are:
EQUATION 4-5:
Table 4-2 and Figure 4-6 show that the Slot-1 power
supply application can be implemented with a minimum
footprint layout.
Figure 4-6 shows the necessary copper pad area to
obtain specific heatsink thermal resistance (θSA)
values. The θSA values highlighted in Table 4-2 require
much less than 500 mm2 of copper and, per Figure 4-6,
can be easily accomplished with the minimum footprint.
MIC5209-x.xYS
V
IN
13
2, TAB
IN
OUT
GND
V
OUT
C
IN
0.1μF
C
OUT
22μF
VIN MAX
VOUT MAX
–
IOUT
VIN MAX
+
IGND
TABLE 4-2:
MAXIMUM ALLOWABLE
THERMAL RESISTANCE
TA
+40°C
+50°C
+60°C
+70°C
θJA Limit 209°C/W 184°C/W 160°C/W 135°C/W
θSA
SOT-223
194°C/W 169°C/W 145°C/W 120°C/W
θSA
SOIC-8
184°C/W 159°C/W 135°C/W 110°C/W
θSA
DDPAK
206°C/W 181°C/W 157°C/W 132°C/W
3.6V 2.375V
–
320mA
3.6V 4mA
+
PD 407mW
=
JA
TJ MAX
TA
–
PD
--------------------------------
=
Where: θSA = θJA - θJC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com