Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC5209 Datasheet(PDF) 12 Page - Microchip Technology

Part # MIC5209
Description  500 mA Low-Noise LDO Regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC5209 Datasheet(HTML) 12 Page - Microchip Technology

Back Button MIC5209 Datasheet HTML 8Page - Microchip Technology MIC5209 Datasheet HTML 9Page - Microchip Technology MIC5209 Datasheet HTML 10Page - Microchip Technology MIC5209 Datasheet HTML 11Page - Microchip Technology MIC5209 Datasheet HTML 12Page - Microchip Technology MIC5209 Datasheet HTML 13Page - Microchip Technology MIC5209 Datasheet HTML 14Page - Microchip Technology MIC5209 Datasheet HTML 15Page - Microchip Technology MIC5209 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 30 page
background image
MIC5209
DS20005720B-page 12
2017 - 2022 Microchip Technology Inc. and its subsidiaries
4.0
APPLICATIONS INFORMATION
4.1
Enable/Shutdown
Enable is not available on devices in the SOT-223 (S)
package.
Forcing EN (enable/shutdown) high (> 2V) enables the
regulator. EN is compatible with CMOS logic. If the
enable/shutdown feature is not required, connect EN to
IN (supply input).
4.2
Input Capacitor
A 1 µF capacitor should be placed from IN to GND if
there is more than 10 inches of wire between the input
and the AC filter capacitor or if a battery is used as the
input.
4.3
Output Capacitor
An output capacitor is required between OUT and GND
to prevent oscillation. The minimum size of the output
capacitor is dependent upon whether a reference
bypass capacitor is used. 1 µF minimum is
recommended when CBYP is not used (see Figure 4-1).
2.2 µF minimum is recommended when CBYP is 470 pF
(see Figure 4-2). Larger values improve the regulator’s
transient response.
The output capacitor should have an ESR (equivalent
series resistance) of about 1Ω and a resonant
frequency above 1 MHz. Ultra-low-ESR and ceramic
capacitors can cause a low amplitude oscillation on the
output and/or underdamped transient response. Most
tantalum or aluminum electrolytic capacitors are
adequate; film types will work, but are more expensive.
Since many aluminum electrolytics have electrolytes
that freeze at about –30°C, solid tantalums are
recommended for operation below –25°C.
At lower values of output current, less output
capacitance is needed for output stability. The
capacitor can be reduced to 0.47 µF for current below
10 mA or 0.33 µF for currents below 1 mA.
4.4
No-Load Stability
The MIC5209 will remain stable and in regulation with
no load (other than the internal voltage divider) unlike
many other voltage regulators. This is especially
important in CMOSRAM keep-alive applications.
4.5
Reference Bypass Capacitor
Reference bypass (BYP) is available only on devices in
SOIC-8 and DDPAK packages.
BYP is connected to the internal voltage reference. A
470 pF capacitor (CBYP) connected from BYP to GND
quiets this reference, providing a significant reduction
in output noise (ultra-low-noise performance). Because
CBYP reduces the phase margin, the output capacitor
should be increased to at least 2.2 µF to maintain
stability.
The start-up speed of the MIC5209 is inversely
proportional to the size of the reference bypass
capacitor. Applications requiring a slow ramp-up of
output voltage should consider larger values of CBYP.
Likewise, if rapid turn-on is necessary, consider
omitting CBYP.
If output noise is not a major concern, omit CBYP and
leave BYP open.
4.6
Thermal Considerations
The SOT-223 has a ground tab that allows it to
dissipate more power than the SOIC-8 (refer to the
Slot-1 Power Supply sub-section for details). At +25°C
ambient, it will operate reliably at 1.6W dissipation with
“worst-case” mounting (no ground plane, minimum
trace widths, and FR4 printed circuit board).
Thermal resistance values for the SOIC-8 represent
typical mounting on a 1”-square, copper-clad, FR4
circuit board. For greater power dissipation, SOIC-8
versions of the MIC5209 feature a fused internal lead
frame and die bonding arrangement that reduces
thermal resistance when compared to standard SOIC-8
packages.
Multilayer boards with a ground plane, wide traces near
the pads, and large supply-bus lines will have better
thermal conductivity and will also allow additional
power dissipation.
For additional heat sink characteristics, refer to
Application Hint 17. For a full discussion of heat sinking
and thermal effects on voltage regulators, refer to the
“Regulator Thermals” section of the Designing with
Low-Dropout Voltage Regulators handbook.
4.7
Low-Voltage Operation
The MIC5209-1.8 and MIC5209-2.5 require special
consideration when used in voltage-sensitive systems.
They may momentarily overshoot their nominal output
voltages unless appropriate output and bypass
capacitor values are chosen.
During regulator power up, the pass transistor is fully
saturated for a short time, while the error amplifier and
voltage reference are being powered up more slowly
from the output (see Functional Diagrams). Selecting
TABLE 4-1:
MIC5209 THERMAL
RESISTANCE
Package
θJA
θJC
SOT-223 (S)
62°C/W
15°C/W
SOIC-8 (M)
50°C/W
25°C/W
DDPAK (U)
31.4°C/W
3°C/W
3x3 VDFN (ML)
64°C/W
12°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com