Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC5209 Datasheet(PDF) 11 Page - Microchip Technology

Part # MIC5209
Description  500 mA Low-Noise LDO Regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC5209 Datasheet(HTML) 11 Page - Microchip Technology

Back Button MIC5209 Datasheet HTML 7Page - Microchip Technology MIC5209 Datasheet HTML 8Page - Microchip Technology MIC5209 Datasheet HTML 9Page - Microchip Technology MIC5209 Datasheet HTML 10Page - Microchip Technology MIC5209 Datasheet HTML 11Page - Microchip Technology MIC5209 Datasheet HTML 12Page - Microchip Technology MIC5209 Datasheet HTML 13Page - Microchip Technology MIC5209 Datasheet HTML 14Page - Microchip Technology MIC5209 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
2017 - 2022 Microchip Technology Inc. and its subsidiaries
DS20005720B-page 11
MIC5209
3.0
PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 3-1.
TABLE 3-1:
PIN FUNCTION TABLE
Pin Number
8-Pin VDFN
Pin Number
SOT-223
Pin Number
SOIC-8
Pin Number
DDPAK
Pin Name
Description
1, 2
1
2
2
IN
Supply Input.
7
2, TAB
5, 6, 7, 8
3, TAB
GND
Ground: SOT-223 Pin 2 and TAB are
internally connected. SOIC-8 Pins 5
through 8 are internally connected.
3, 4
3
3
4
OUT
Regulator Output: Pins 3 and 4 must
be tied together.
5
—
—
—
NC
Not Connected.
8
—
1
1
EN
Enable (Input): CMOS-compatible
control input. Logic-High = Enable;
Logic-Low = Shutdown.
—
—
4 (Fixed)
5 (Fixed)
BYP
Reference Bypass: Connect external
470 pF capacitor to GND to reduce
output noise. Can be left open. For
1.8V or 2.5V operation, see Application
Information.
6
—
4 (Adjustable) 5 (Adjustable)
ADJ
Adjust (Input): Feedback input.
Connect to resistive voltage-divider
network.
EP
—
—
—
ePad
Exposed Thermal Pad: Connect to
GND for best thermal performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com