Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VCD40 Datasheet(PDF) 2 Page - CUI INC

Part # VCD40
Description  DC-DC CONVERTER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VCD40 Datasheet(HTML) 2 Page - CUI INC

  VCD40 Datasheet HTML 1Page - CUI INC VCD40 Datasheet HTML 2Page - CUI INC VCD40 Datasheet HTML 3Page - CUI INC VCD40 Datasheet HTML 4Page - CUI INC VCD40 Datasheet HTML 5Page - CUI INC VCD40 Datasheet HTML 6Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
cui.com
date 08/31/2021
│ page 2 of 6
CUI Inc
│ SERIES: VCD40 │ DESCRIPTION: DC-DC CONVERTER
INPUT
parameter
conditions/description
min
typ
max
units
operating input voltage
9
18
36
12
24
48
18
36
72
Vdc
Vdc
Vdc
under voltage lockout
12 Vin power up 8.8 V
12 Vin power down 8.0 V
24 Vin power up 17 V
24 Vin power down 16 V
48 Vin power up 34 V
48 Vin power down 32 V
8.8
8.0
17
16
34
32
Vdc
Vdc
Vdc
Vdc
Vdc
Vdc
input filter
PI type
OUTPUT
parameter
conditions/description
min
typ
max
units
line regulation1
single and dual output models
±0.5
%
triple output models
main
auxillary
±1.0
±3.0
%
%
load regulation2
single and dual output models
±0.5
±1.0
%
%
dual positive output models
3.3V
5V
±1.5
±4.0
%
%
triple output models
main
auxillary
±1.0
±4.0
%
%
voltage accuracy
single output models
±1.5
%
dual positive output models
3.3V
5V
±1.5
±3.0
%
%
triple output models
main
auxillary
±1.5
±5.0
%
%
PART NUMBER KEY
VCD40 - D XX - X XXX
Input Voltage
Output Voltage
Base Number
Output:
S = single
D = dual
T = triple
MODEL
input
voltage
output
voltage
input
current
output
current
ripple
and noise1
efficiency
typ
(Vdc)
range
(Vdc)
(Vdc)
no load
(mA)
full load
(mA)
max
(mA)
min
(mA)
max
(mVp-p)
typ
(%)
VCD40-D48-T312
48
36~72
3.3/±12
50
688
6000/±400
600/±40
100
89
VCD40-D48-T315
48
36~72
3.3/±15
50
690
6000/±300
600/±30
100
89
VCD40-D48-T512
48
36~72
5/±12
50
938
6000/±400
600/±40
100
88
VCD40-D48-T515
48
36~72
5/±15
50
903
6000/±300
600/±30
100
90
notes:
1. ripple and noise are measured at 20 Hz BW
Additional Resources: Product Page | 3D Model | PCB Footprint



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com