Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VCD40 Datasheet(PDF) 4 Page - CUI INC

Part # VCD40
Description  DC-DC CONVERTER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VCD40 Datasheet(HTML) 4 Page - CUI INC

  VCD40 Datasheet HTML 1Page - CUI INC VCD40 Datasheet HTML 2Page - CUI INC VCD40 Datasheet HTML 3Page - CUI INC VCD40 Datasheet HTML 4Page - CUI INC VCD40 Datasheet HTML 5Page - CUI INC VCD40 Datasheet HTML 6Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
cui.com
date 08/31/2021
│ page 4 of 6
CUI Inc
│ SERIES: VCD40 │ DESCRIPTION: DC-DC CONVERTER
MECHANICAL DRAWING
MECHANICAL
parameter
conditions/description
min
typ
max
units
dimensions
2 x 2 x 0.4 (50.8 x 50.8 x 10.2 mm)
inch
case material
black coated copper with non-conductive base
weight
65
g
PIN CONNECTIONS
SINGLE OUTPUT DUAL OUTPUT DUALPOSITIVE TRIPLEOUTPUT
PIN
FUNCTION
FUNCTION
FUNCTION
FUNCTION
1
+Vin
+Vin
+Vin
+Vin
2
-Vin
-Vin
-Vin
-Vin
3
on/off
on/off
on/off
on/off
4
NC
no pin
+3.3Vo
+Aux. out
5
-sense
+Vo
com(5V RTN)
common
6
+sense
common
trim
-Aux. out
7
+Vo
common
NC
+Vo
8
-Vo
-Vo
+5 Vo
-Vo (common)
9
trim
trim
com(5V RTN)
NC
units: inches (mm)
tolerance: x.xx = ±0.02, x.xxx = ±0.010
(x.x = ±0.5, x.xx = ±0.25)
pin tolerance ±0.05mm
TRIPLE OUTPUT LOADING TABLE1
PIN
VOLTAGE
AMPERES
min2
typ
7
+5
0.50
3.5
8,5
±12
0.10
0.31
8,5
±15
0.10
0.25
Notes:
1. Maximum total power from all outputs is
limited to 25 watts but no output should
exceed its maximum current.
2. Minimum current on each output is
required to maintain specified regulation.
REMOTE ON/OFF CONTROL
logic compatibility
CMOS or Open Collector TTL
EC-on
>+5.5 Vdc or Open Circuit
EC-off
<1.8 Vdc
shutdown idle current
10 mA
control common
referenced to input minus
EXTERNAL OUTPUT TRIMMING
Output may optionally be externally trimmed (±10%) with a
fixed resistor or an external trimpot as shown.
Additional Resources: Product Page | 3D Model | PCB Footprint



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com