Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VCD40 Datasheet(PDF) 1 Page - CUI INC

Part # VCD40
Description  DC-DC CONVERTER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VCD40 Datasheet(HTML) 1 Page - CUI INC

  VCD40 Datasheet HTML 1Page - CUI INC VCD40 Datasheet HTML 2Page - CUI INC VCD40 Datasheet HTML 3Page - CUI INC VCD40 Datasheet HTML 4Page - CUI INC VCD40 Datasheet HTML 5Page - CUI INC VCD40 Datasheet HTML 6Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
cui.com
date 08/31/2021
page 1 of 6
SERIES: VCD40
│ DESCRIPTION: DC-DC CONVERTER
date 08/31/2021
page 1 of 6
FEATURES
• up to 40 W isolated output
• wide input (2:1)
• 2"x2" six sided shielded metal case
• single, dual, and triple regulated outputs
• 1500 V isolation
• short circuit, over voltage and over temperature protection
• wide temperature (-25~71°C)
• efficiency up to 92%
• EN 62368-1
RoHS
MODEL
input
voltage
output
voltage
input
current
output
current
ripple
and noise1
efficiency
typ
(Vdc)
range
(Vdc)
(Vdc)
no load
(mA)
full load
(mA)
max
(mA)
min
(mA)
max
(mVp-p)
typ
(%)
VCD40-D12-S2R5
12
9~18
2.5
200
2,367
10,000
0
50
88
VCD40-D12-S3R3
12
9~18
3.3
200
3,090
10,000
0
50
89
VCD40-D12-S5
12
9~18
5
200
3,745
8,000
0
50
89
VCD40-D12-S12
12
9~18
12
200
3,703
3,333
0
75
90
VCD40-D12-S15
12
9~18
15
200
3,702
2,666
0
75
90
VCD40-D12-D12
12
9~18
±12
100
4,045
±1,800
90
120
89
VCD40-D12-D15
12
9~18
±15
100
3,889
±1,400
70
150
90
VCD40-D12-T312
12
9~18
3.3/±12
200
2,784
6000/±400
600/±40
100
88
VCD40-D12-T315
12
9~18
3.3/±15
200
2,727
6000/±300
600/±30
100
88
VCD40-D12-T512
12
9~18
5/±12
200
3,750
6000/±400
600/±40
100
88
VCD40-D12-T515
12
9~18
5/±15
200
3,611
6000/±300
600/±30
100
90
VCD40-D24-S2R5
24
18~36
2.5
100
1,184
10,000
0
50
88
VCD40-D24-S3R3
24
18~36
3.3
100
1,545
10,000
0
50
89
VCD40-D24-S5
24
18~36
5
100
1,831
8,000
0
50
91
VCD40-D24-S12
24
18~36
12
100
1,811
3,333
0
75
92
VCD40-D24-S15
24
18~36
15
100
1,810
2,666
0
75
92
VCD40-D24-D12
24
18~36
±12
100
1,978
±1,800
90
120
91
VCD40-D24-D15
24
18~36
±15
100
1,902
±1,400
70
150
92
VCD40-D24-T312
24
18~36
3.3/±12
100
1,361
6000/±400
600/±40
100
90
VCD40-D24-T315
24
18~36
3.3/±15
100
1,333
6000/±300
600/±30
100
90
VCD40-D24-T512
24
18~36
5/±12
100
1,833
6000/±400
600/±40
100
90
VCD40-D24-T515
24
18~36
5/±15
100
1,806
6000/±300
600/±30
100
90
VCD40-D48-S2R5
48
36~72
2.5
50
585
10,000
0
50
89
VCD40-D48-S3R3
48
36~72
3.3
50
764
10,000
0
50
90
VCD40-D48-S5
48
36~72
5
60
926
8,000
0
50
90
VCD40-D48-S12
48
36~72
12
60
916
3,333
0
75
91
VCD40-D48-S15
48
36~72
15
60
906
2,666
0
75
92
VCD40-D48-D12
48
36~72
±12
50
1,000
±1,800
90
120
90
VCD40-D48-D15
48
36~72
±15
50
962
±1,400
70
150
91
Additional Resources: Product Page | 3D Model | PCB Footprint


Similar Part No. - VCD40

ManufacturerPart #DatasheetDescription
logo
CUI INC
VCD40 CUI-VCD40 Datasheet
221Kb / 5P
DC/DC converter
VCD40-D12-D12 CUI-VCD40-D12-D12 Datasheet
221Kb / 5P
DC/DC converter
VCD40-D12-D15 CUI-VCD40-D12-D15 Datasheet
221Kb / 5P
DC/DC converter
VCD40-D12-S12 CUI-VCD40-D12-S12 Datasheet
221Kb / 5P
DC/DC converter
VCD40-D12-S15 CUI-VCD40-D12-S15 Datasheet
221Kb / 5P
DC/DC converter
More results

Similar Description - VCD40

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM5G02TU TOSHIBA-SSM5G02TU Datasheet
191Kb / 10P
DC-DC Converter
SSM5H03TU TOSHIBA-SSM5H03TU Datasheet
192Kb / 10P
DC-DC Converter
logo
CUI INC
VABD3 CUI-VABD3 Datasheet
284Kb / 3P
DC/DC converter
VASD1-SIP CUI-VASD1-SIP Datasheet
284Kb / 3P
DC/DC converter
VASD2-SIP CUI-VASD2-SIP Datasheet
173Kb / 3P
DC/DC converter
VAWQ6 CUI-VAWQ6 Datasheet
209Kb / 3P
DC/DC converter
VBD20 CUI-VBD20 Datasheet
241Kb / 3P
DC/DC converter
VRB3-DIP CUI-VRB3-DIP Datasheet
95Kb / 3P
Dc-Dc Converter
VSCQ30 CUI-VSCQ30 Datasheet
234Kb / 3P
DC/DC converter
VWQBS2-SIP CUI-VWQBS2-SIP Datasheet
175Kb / 3P
DC-DC Converter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com