Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VCD40 Datasheet(PDF) 3 Page - CUI INC

Part # VCD40
Description  DC-DC CONVERTER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VCD40 Datasheet(HTML) 3 Page - CUI INC

  VCD40 Datasheet HTML 1Page - CUI INC VCD40 Datasheet HTML 2Page - CUI INC VCD40 Datasheet HTML 3Page - CUI INC VCD40 Datasheet HTML 4Page - CUI INC VCD40 Datasheet HTML 5Page - CUI INC VCD40 Datasheet HTML 6Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
cui.com
date 08/31/2021
│ page 3 of 6
CUI Inc
│ SERIES: VCD40 │ DESCRIPTION: DC-DC CONVERTER
DERATING CURVES
OUTPUT
parameter
conditions/description
min
typ
max
units
cross regulation3
+3.3V
+5V
±1.0
±4.0
%
%
voltage balance
dual output models
±2.0
%
transient response
75-100% step load change
±5% error band
300
µs
external trim adjust range
single and dual output models
dual positive output models
±10
±5
%
%
current limit
110
140
%
switching frequency
350
kHz
temperature coefficient
±0.02
%/°C
Notes:
1. measured from high line to low line
2. measured from full load to 10% load
2. measured from max. load to 10% load, other output at 10% load
PROTECTIONS
parameter
conditions/description
min
typ
max
units
short circuit protection
continuous, hiccup
over temperture protection
110
°C
over-voltage protection
zener diode clamp
2.5V
3.3V
5V
12V
15V
3.6
3.9
6.2
15
18
Vdc
Vdc
Vdc
Vdc
Vdc
SAFETY AND COMPLIANCE
parameter
conditions/description
min
typ
max
units
isolation voltage
1,500
Vdc
insulation resistance
1,000
MΩ
safety approvals
certified to 62368-1: EN
certified to 60950-1: UL
RoHS compliant
yes
ENVIRONMENTAL
parameter
conditions/description
min
typ
max
units
operating temperature1
-40
85
°C
case temperature1
100
°C
storage temperature
-55
105
°C
Notes:
1. measured from high line to low line
Additional Resources: Product Page | 3D Model | PCB Footprint



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com