Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VCD40 Datasheet(PDF) 5 Page - CUI INC

Part # VCD40
Description  DC-DC CONVERTER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VCD40 Datasheet(HTML) 5 Page - CUI INC

  VCD40 Datasheet HTML 1Page - CUI INC VCD40 Datasheet HTML 2Page - CUI INC VCD40 Datasheet HTML 3Page - CUI INC VCD40 Datasheet HTML 4Page - CUI INC VCD40 Datasheet HTML 5Page - CUI INC VCD40 Datasheet HTML 6Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
cui.com
date 08/31/2021
│ page 5 of 6
CUI Inc
│ SERIES: VCD40 │ DESCRIPTION: DC-DC CONVERTER
Note:
All specifications measured at 25°C, nominal input voltage, and full load unless otherwise noted.
)
(K
)
1
(
,
Ω
Ω
Ω
-
-
x
=
-
Rt
V
Vo
Vr
R
R
nom
o
up
trim
1. The value of Rtrim-up defined as:
Where: R trim-up is the external resistor in Kohm.
Vo,nom is the nominal output voltage.
Vo is the desired output voltage.
R1 ,Rt and Vr are internal to the unit and are defined in Table 1.
For example, to trim-up the output voltage of 5.0V module
(VCD40-D48-S5) by 5% to 5.25V, R trim-up is calculated as follows:
Vo – Vo,nom = 5.25 – 5.0 = 0.25V
R1 = 2.32 Kohm
Rt = 8.2 Kohm , Vr= 2.5
)
(K
15
2
.
8
25
.
0
5
.
2
32
.
2
=
-
x
=
- up
trim
R
The value of R trim-down defined as:
)
(K
)
(
1
,
-
-
-
x
=
-
Rt
Vo
V
Vr
Vo
R
R
nom
o
down
trim
Where: R trim-down is the external resistor in Kohm.
Vo,nom is the nominal output voltage.
Vo is the desired output voltage.
R1 ,Rt and Vr are internal to the unit and are defined in
Table 1.
For example, to trim-down the output voltage of 5.0V module
(VCD40-D48-S5) by 5% to 4.75V, R trim-down is calculated as follows :
Vo,nom – Vo = 5.0 – 4.75 = 0.25 V
R1 = 2.32 Kohm
R t = 8.2 Kohm , Vr=2.5
)
(K
68
.
12
2
.
8
25
.
0
)
5
.
2
75
.
4
(
32
.
2
=
-
-
x
=
- down
trim
R
Ω
In order to trim the voltage up or down one needs to connect the trim resistor either between the trim pin and -Vo for trim-up and between trim
pin and +Vo for trim-down. The output voltage trim range is ±10%. This is shown in
Figures 1 and 2:
Model Number
Output Voltage(V)
R1 (Kohm)
R2 (Kohm)
R3 (Kohm)
Rt (Kohm)
Vr
3.3V
2.74
1.8
0.27
9.1
1.24
12V
6.8
2.4
2.32
22
2.5
15V
8.06
2.4
3.9
27
2.5
Table 1 - Trim Resistor Values
Model Number
Output Voltage(V)
R1 (Kohm)
Rt (Kohm)
Vr
Table 2 - Trim Resistor Values
VCD40-D24-S5
VCD40-D48-S5
5.02.328.2
2.5
VCD40-D24-S3R3
VCD40-D48-S3R3
VCD40-D24-S12
VCD40-D48-S12
VCD40-D24-S15
VCD40-D48-S15
2. The output Voltage 3.3V,12V and 15V value of Rtrim are
defined as below:
)
(K
)
2
)
(
)
3
2
(
1
(
,
-
x
-
+
x
x
=
-
Rt
R
V
Vo
R
R
R
Vr
R
nom
o
up
trim
)
(K
)
1
2
)
(
1
(
1
,
-
-
x
-
x
x
=
-
Rt
R
Vo
V
R
Vr
R
R
nom
o
down
trim
Where: R trim-up is the external resistor in Kohm.
Vo,nom is the nominal output voltage.
Vo is the desired output voltage.
R1, R2, R3, Rt and Vr are internal to the unit and are defined in
Table 2.
Ω
Ω
Figure 1
Figure 2
Additional Resources: Product Page | 3D Model | PCB Footprint



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com