Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7124-4TRUZ-EP-R7 Datasheet(PDF) 3 Page - Analog Devices

Part # AD7124-4TRUZ-EP-R7
Description  4-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7124-4TRUZ-EP-R7 Datasheet(HTML) 3 Page - Analog Devices

  AD7124-4TRUZ-EP-R7 Datasheet HTML 1Page - Analog Devices AD7124-4TRUZ-EP-R7 Datasheet HTML 2Page - Analog Devices AD7124-4TRUZ-EP-R7 Datasheet HTML 3Page - Analog Devices AD7124-4TRUZ-EP-R7 Datasheet HTML 4Page - Analog Devices AD7124-4TRUZ-EP-R7 Datasheet HTML 5Page - Analog Devices AD7124-4TRUZ-EP-R7 Datasheet HTML 6Page - Analog Devices AD7124-4TRUZ-EP-R7 Datasheet HTML 7Page - Analog Devices AD7124-4TRUZ-EP-R7 Datasheet HTML 8Page - Analog Devices AD7124-4TRUZ-EP-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
Enhanced Product
AD7124-4-EP
Rev. 0 | Page 3 of 17
GENERAL DESCRIPTION
The AD7124-4-EP is a low power, low noise, completely
integrated analog front end for high precision measurement
applications. The device contains a low noise, 24-bit Σ-Δ analog-
to-digital converter (ADC), and can be configured to have four
differential inputs or seven single-ended or pseudo differential
inputs. The on-chip low gain stage ensures that signals of small
amplitude can be interfaced directly to the ADC.
One of the major advantages of the AD7124-4-EP is that it gives
the user the flexibility to employ one of three integrated power
modes. The current consumption, range of output data rates,
and rms noise can be tailored with the power mode selected.
The device also offers a multitude of filter options, ensuring that
the user has the highest degree of flexibility.
The AD7124-4-EP can achieve simultaneous 50 Hz and 60 Hz
rejection when operating at an output data rate of 25 SPS (single
cycle settling), with rejection in excess of 80 dB achieved at lower
output data rates.
The AD7124-4-EP establishes the highest degree of signal chain
integration. The device contains a precision, low noise, low
drift internal band gap reference, and also accepts an external
differential reference, which can be internally buffered. Other
key integrated features include programmable low drift excitation
current sources, burnout currents, and a bias voltage generator,
which sets the common-mode voltage of a channel to AVDD/2.
The low-side power switch enables the user to power down
bridge sensors between conversions, ensuring the absolute
minimal power consumption of the system. The device also
allows the user the option of operating with either an internal
clock or an external clock.
The integrated channel sequencer allows several channels to be
enabled simultaneously, and the AD7124-4-EP sequentially
converts on each enabled channel, simplifying communication
with the device. As many as 16 channels can be enabled at any
time; a channel being defined as an analog input or a diagnostic
such as a power supply check or a reference check. This unique
feature allows diagnostics to be interleaved with conversions.
The AD7124-4-EP also supports per channel configuration.
The device allows eight configurations or setups. Each
configuration consists of gain, filter type, output data rate,
buffering, and reference source. The user can assign any of
these setups on a channel by channel basis.
The AD7124-4-EP also has extensive diagnostic functionality
integrated as part of its comprehensive feature set. These
diagnostics include a cyclic redundancy check (CRC), signal
chain checks, and serial interface checks, which lead to a more
robust solution. These diagnostics reduce the need for external
components to implement diagnostics, resulting in reduced
board space needs, reduced design cycle times, and cost savings.
The failure modes effects and diagnostic analysis (FMEDA) of a
typical application has shown a safe failure fraction (SFF) greater
than 90% according to IEC 61508.
The device operates with a single analog power supply from 2.7 V
to 3.6 V or a dual 1.8 V power supply. The digital supply has a
range of 1.65 V to 3.6 V. It is specified for the full military
temperature range of −55°C to +125°C. The AD7124-4-EP is
housed in a 24-lead TSSOP package.
Note that, throughout this data sheet, multifunction pins, such
as DOUT/RDY, are referred to either by the entire pin name or
by a single function of the pin, for example, RDY, when only
that function is relevant.
Additional application and technical information can be found
in the AD7124-4 data sheet.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com