Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7124-4TRUZ-EP-R7 Datasheet(PDF) 6 Page - Analog Devices

Part # AD7124-4TRUZ-EP-R7
Description  4-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7124-4TRUZ-EP-R7 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD7124-4TRUZ-EP-R7 Datasheet HTML 2Page - Analog Devices AD7124-4TRUZ-EP-R7 Datasheet HTML 3Page - Analog Devices AD7124-4TRUZ-EP-R7 Datasheet HTML 4Page - Analog Devices AD7124-4TRUZ-EP-R7 Datasheet HTML 5Page - Analog Devices AD7124-4TRUZ-EP-R7 Datasheet HTML 6Page - Analog Devices AD7124-4TRUZ-EP-R7 Datasheet HTML 7Page - Analog Devices AD7124-4TRUZ-EP-R7 Datasheet HTML 8Page - Analog Devices AD7124-4TRUZ-EP-R7 Datasheet HTML 9Page - Analog Devices AD7124-4TRUZ-EP-R7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
AD7124-4-EP
Enhanced Product
Rev. 0 | Page 6 of 17
Parameter1
Min
Typ
Max
Unit
Test Conditions/Comments
ANALOG INPUTS11
Differential Input Voltage Ranges12
±VREF/gain
V
VREF = REFINx(+) − REFINx(−), or
internal reference
Absolute AIN Voltage Limits2
Gain = 1 (Unbuffered)
AVSS − 0.05
AVDD + 0.05
V
Gain = 1 (Buffered)
AVSS + 0.1
AVDD − 0.1
V
Gain > 1
AVSS − 0.05
AVDD + 0.05
V
Analog Input Current
Gain > 1 or Gain = 1 (Buffered)
Low Power Mode
Absolute Input Current
±1
nA
Differential Input Current
±0.2
nA
Analog Input Current Drift
25
pA/°C
Mid Power Mode
Absolute Input Current
±1.2
nA
Differential Input Current
±0.4
nA
Analog Input Current Drift
25
pA/°C
Full Power Mode
Absolute Input Current
±3.3
nA
Differential Input Current
±1.5
nA
Analog Input Current Drift
25
pA/°C
Gain = 1 (Unbuffered)
Current varies with input voltage
Absolute Input Current
±2.65
μA/V
Analog Input Current Drift
1.1
nA/V/°C
REFERENCE INPUT
Internal Reference
Initial Accuracy
2.5 − 0.2%
2.5
2.5 + 0.2%
V
TA = 25°C
Drift
2
10
ppm/°C
Output Current
10
mA
Load Regulation
50
μV/mA
Power Supply Rejection
85
dB
External Reference
External REFIN Voltage2
0.5
2.5
AVDD
V
REFIN = REFINx(+) − REFINx(−)
Absolute REFIN Voltage Limits2
AVSS − 0.05
AVDD + 0.05
V
Unbuffered
AVSS + 0.1
AVDD − 0.1
V
Buffered
Reference Input Current
Buffered
Low Power Mode
Absolute Input Current
±0.5
nA
Reference Input Current Drift
10
pA/°C
Mid Power Mode
Absolute Input Current
±1
nA
Reference Input Current Drift
10
pA/°C
Full Power Mode
Absolute Input Current
±3
nA
Reference Input Current Drift
10
pA/°C
Unbuffered
Absolute Input Current
±12
μA
Reference Input Current Drift
6
nA/°C
Normal Mode Rejection
Same as for analog inputs
Common-Mode Rejection
100
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com