Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7124-4TRUZ-EP-R7 Datasheet(PDF) 8 Page - Analog Devices

Part # AD7124-4TRUZ-EP-R7
Description  4-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7124-4TRUZ-EP-R7 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD7124-4TRUZ-EP-R7 Datasheet HTML 4Page - Analog Devices AD7124-4TRUZ-EP-R7 Datasheet HTML 5Page - Analog Devices AD7124-4TRUZ-EP-R7 Datasheet HTML 6Page - Analog Devices AD7124-4TRUZ-EP-R7 Datasheet HTML 7Page - Analog Devices AD7124-4TRUZ-EP-R7 Datasheet HTML 8Page - Analog Devices AD7124-4TRUZ-EP-R7 Datasheet HTML 9Page - Analog Devices AD7124-4TRUZ-EP-R7 Datasheet HTML 10Page - Analog Devices AD7124-4TRUZ-EP-R7 Datasheet HTML 11Page - Analog Devices AD7124-4TRUZ-EP-R7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
AD7124-4-EP
Enhanced Product
Rev. 0 | Page 8 of 17
Parameter1
Min
Typ
Max
Unit
Test Conditions/Comments
LOGIC OUTPUTS (INCLUDING CLK)
Output Voltage2
High, VOH
IOVDD
− 0.35
V
ISOURCE = 100 μA
Low, VOL
0.4
V
ISINK = 100 μA
Floating State Leakage Current
−1
+1
μA
Floating State Output Capacitance
10
pF
Data Output Coding
Offset binary
SYSTEM CALIBRATION2
Calibration Limit
Full Scale (FS)
1.05 × FS
V
Zero Scale
−1.05 × FS
V
Input Span
0.8 × FS
2.1 × FS
V
POWER SUPPLY VOLTAGES FOR ALL POWER
MODES
AVDD to AVSS
Low Power Mode
2.7
3.6
V
Mid Power Mode
2.7
3.6
V
Full Power Mode
2.9
3.6
V
IOVDD to GND
1.65
3.6
V
AVSS to GND
−1.8
0
V
IOVDD to AVSS
5.4
V
POWER SUPPLY CURRENTS11, 13
IAVDD, External Reference
Low Power Mode
Gain = 12
125
140
μA
All buffers off
Gain = 1 IAVDD Increase per AINx Buffer2
15
25
μA
Gain = 2 to 8
205
250
μA
Gain = 16 to 128
235
300
μA
IAVDD Increase per Reference Buffer2
10
20
μA
All gains
Mid Power Mode
Gain = 12
150
170
μA
All buffers off
Gain = 1 IAVDD Increase per AINx Buffer2
30
40
μA
Gain = 2 to 8
275
345
μA
Gain = 16 to 128
330
430
μA
IAVDD Increase per Reference Buffer2
20
30
μA
All gains
Full Power Mode
Gain = 12
315
350
μA
All buffers off
Gain = 1 IAVDD Increase per AINx Buffer2
90
135
μA
Gain = 2 to 8
660
830
μA
Gain = 16 to 128
875
1200
μA
IAVDD Increase per Reference Buffer2
85
120
μA
All gains
IAVDD Increase
Due to Internal Reference2
50
70
μA
Independent of power mode; the
reference buffers are not required
when using this reference
Due to VBIAS2
15
20
μA
Independent of power mode
Due to Diagnostics2
4
5
μA
IIOVDD
Low Power Mode
20
35
μA
Mid Power Mode
25
40
μA
Full Power Mode
55
80
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com