Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7124-4TRUZ-EP-R7 Datasheet(PDF) 15 Page - Analog Devices

Part # AD7124-4TRUZ-EP-R7
Description  4-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7124-4TRUZ-EP-R7 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD7124-4TRUZ-EP-R7 Datasheet HTML 9Page - Analog Devices AD7124-4TRUZ-EP-R7 Datasheet HTML 10Page - Analog Devices AD7124-4TRUZ-EP-R7 Datasheet HTML 11Page - Analog Devices AD7124-4TRUZ-EP-R7 Datasheet HTML 12Page - Analog Devices AD7124-4TRUZ-EP-R7 Datasheet HTML 13Page - Analog Devices AD7124-4TRUZ-EP-R7 Datasheet HTML 14Page - Analog Devices AD7124-4TRUZ-EP-R7 Datasheet HTML 15Page - Analog Devices AD7124-4TRUZ-EP-R7 Datasheet HTML 16Page - Analog Devices AD7124-4TRUZ-EP-R7 Datasheet HTML 17Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
Enhanced Product
AD7124-4-EP
Rev. 0 | Page 15 of 17
–55 –40 –25 –10
5
203550658095
110 125
TEMPERATURE (°C)
15 UNITS
–1.2
–1.0
–0.8
–0.6
–0.4
–0.2
0
Figure 15. Excitation Current Drift Matching (500 μA)
–55 –40 –25 –10
5
203550658095
110 125
TEMPERATURE (°C)
0
200
400
600
800
1000
1200
GAIN = 1, AIN BUFFERS OFF
GAIN = 2 TO 8
GAIN = 1, AIN BUFFERS ON
GAIN = 16 TO 128
Figure 16. Analog Current vs. Temperature (Full Power Mode)
–55 –40 –25 –10
5
203550658095
110 125
TEMPERATURE (°C)
0
450
400
350
300
250
200
150
100
50
GAIN = 1, AIN BUFFERS OFF
GAIN = 2 TO 8
GAIN = 1, AIN BUFFERS ON
GAIN = 16 TO 128
Figure 17. Analog Current vs. Temperature (Mid Power Mode)
–55 –40 –25 –10
5
203550658095
110 125
TEMPERATURE (°C)
0
350
300
250
200
150
100
50
GAIN = 1, AIN BUFFERS OFF
GAIN = 2 TO 8
GAIN = 1, AIN BUFFERS ON
GAIN = 16 TO 128
Figure 18. Analog Current vs. Temperature (Low Power Mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com