Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7124-4TRUZ-EP-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # AD7124-4TRUZ-EP-R7
Description  4-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7124-4TRUZ-EP-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD7124-4TRUZ-EP-R7 Datasheet HTML 6Page - Analog Devices AD7124-4TRUZ-EP-R7 Datasheet HTML 7Page - Analog Devices AD7124-4TRUZ-EP-R7 Datasheet HTML 8Page - Analog Devices AD7124-4TRUZ-EP-R7 Datasheet HTML 9Page - Analog Devices AD7124-4TRUZ-EP-R7 Datasheet HTML 10Page - Analog Devices AD7124-4TRUZ-EP-R7 Datasheet HTML 11Page - Analog Devices AD7124-4TRUZ-EP-R7 Datasheet HTML 12Page - Analog Devices AD7124-4TRUZ-EP-R7 Datasheet HTML 13Page - Analog Devices AD7124-4TRUZ-EP-R7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
AD7124-4-EP
Enhanced Product
Rev. 0 | Page 10 of 17
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted.
Table 2.
Parameter
Rating
AVDD to AVSS
−0.3 V to +3.96 V
IOVDD to DGND
−0.3 V to +3.96 V
IOVDD to AVSS
−0.3 V to +5.94 V
AVSS to DGND
−1.98 V to +0.3 V
Analog Input Voltage to AVSS
−0.3 V to AVDD + 0.3 V
Reference Input Voltage to AVSS
−0.3 V to AVDD + 0.3 V
Digital Input Voltage to DGND
−0.3 V to IOVDD + 0.3 V
Digital Output Voltage to DGND
−0.3 V to IOVDD + 0.3 V
AINx/Digital Input Current
10 mA
Operating Temperature Range
−55°C to +125°C
Storage Temperature Range
−65°C to +150°C
Maximum Junction Temperature
150°C
Lead Temperature, Soldering
Reflow
260°C
ESD Ratings
Human Body Model (HBM)
4 kV
Field-Induced Charged Device
Model (FICDM)
1250 V
Machine Model
400 V
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
THERMAL RESISTANCE
Thermal performance is directly linked to printed circuit board
(PCB) design and operating environment. Careful attention to
PCB thermal design is required.
θJA is the natural convection, junction to ambient thermal
resistance measured in a one cubic foot sealed enclosure.
θJC is the junction to case thermal resistance.
Table 3. Thermal Resistance
Package Type1
θJA
θJC
Unit
RU-24
128
42
°C/W
1 Thermal impedance simulated values are based on a JEDEC 2S2P thermal
test board. See JEDEC JESD51.
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com