Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM5145 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LM5145
Description  LM25143 3.5-V to 42-V Dual Synchronous Buck DC/DC Controller With Ultra-Low IQ
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5145 Datasheet(HTML) 5 Page - Texas Instruments

  LM5145 Datasheet HTML 1Page - Texas Instruments LM5145 Datasheet HTML 2Page - Texas Instruments LM5145 Datasheet HTML 3Page - Texas Instruments LM5145 Datasheet HTML 4Page - Texas Instruments LM5145 Datasheet HTML 5Page - Texas Instruments LM5145 Datasheet HTML 6Page - Texas Instruments LM5145 Datasheet HTML 7Page - Texas Instruments LM5145 Datasheet HTML 8Page - Texas Instruments LM5145 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 69 page
background image
Table 7-1. Pin Functions
PIN
I/O(1)
DESCRIPTION
NAME
NO.
SS2
1
I
Channel 2 soft-start programming pin. An external ceramic capacitor and an internal 20-μA current source
set the ramp rate of the internal error amplifier reference during soft start. Pulling SS2 below 150 mV turns
off the channel 2 gate driver outputs, but all the other functions remain active.
COMP2
2
O
Output of the channel 2 transconductance error amplifier. COMP2 is high impedance in single-output
interleaved or single-output multiphase operation.
FB2
3
I
Feedback input of channel 2. Connect FB2 to VDDA for a 3.3-V output or connect FB2 to AGND for a fixed
5-V output. A resistive divider from VOUT2 to FB2 sets the output voltage level between 0.6 V and 55 V.
The regulation threshold at FB2 is 0.6 V.
CS2
4
I
Channel 2 current sense amplifier input. Connect CS2 to the inductor side of the external current sense
resistor (or to the relevant sense capacitor terminal if inductor DCR current sensing is used) using a
low-current Kelvin connection.
VOUT2
5
I
Output voltage sense and the current sense amplifier input of channel 2. Connect VOUT2 to the output side
of the channel 2 current sense resistor (or to the relevant sense capacitor terminal if inductor DCR current
sensing is used).
VCCX
6
P
Optional input for an external bias supply. If VVCCX > 4.3 V, VCCX is internally connected to VCC and the
internal VCC regulator is disabled. Connect a ceramic capacitor between VCCX and PGND.
PG2
7
O
An open-collector output that goes low if VOUT2 is outside a specified regulation window
HOL2
8
O
Channel 2 high-side gate driver turn-off output
HO2
9
O
Channel 2 high-side gate driver turn-on output
SW2
10
P
Switching node of the channel 2 buck regulator. Connect to the bootstrap capacitor, the source terminal of
the high-side MOSFET, and the drain terminal of the low-side MOSFET.
HB2
11
P
Channel 2 high-side driver supply for the bootstrap gate drive
LOL2
12
O
Channel 2 low-side gate driver turn-off output
LO2
13
O
Channel 2 low-side gate driver turn-on output
PGND2
14
G
Power-ground connection pin for the low-side NMOS gate driver
VCC
15, 16
P
VCC bias supply pin. Pins 15 and 16 must to be connected together on the PCB. Connect ceramic
capacitors between VCC and PGND1 and between VCC and PGND2.
PGND1
17
G
Power-ground connection pin for the low-side NMOS gate driver
LO1
18
O
Channel 1 low-side gate driver turn-on output
LOL1
19
O
Channel 1 low-side gate driver turn-off output
HB1
20
P
Channel 1 high-side driver supply for the bootstrap gate drive
SW1
21
P
Switching node of the channel 1 buck regulator. Connect to the channel 1 bootstrap capacitor, the source
terminal of the high-side MOSFET, and the drain terminal of the low-side MOSFET.
HO1
22
O
Channel 1 high-side gate driver turn-on output
HOL1
23
O
Channel 1 high-side gate driver turn-off output
PG1
24
O
An open-collector output that goes low if VOUT1 is outside a specified regulation window
VIN
25
P
Supply voltage input source for the VCC regulators
VOUT1
26
I
Output voltage sense and the current sense amplifier input of channel 1. Connect VOUT1 to the output side
of the channel 1 current sense resistor (or to the relevant sense capacitor terminal if inductor DCR current
sensing is used).
CS1
27
I
Channel 1 current sense amplifier input. Connect CS1 to the inductor side of the external current sense
resistor (or to the relevant sense capacitor terminal if inductor DCR current sensing is used) using a
low-current Kelvin connection.
FB1
28
I
Feedback input of channel 1. Connect the FB1 pin to VDDA for a 3.3-V output or connect FB1 to AGND for
a 5-V output. A resistive divider from VOUT1 to FB1 sets the output voltage level between 0.6 V and 55 V.
The regulation threshold at FB1 is 0.6 V.
COMP1
29
O
Output of the channel 1 transconductance error amplifier (EA)
SS1
30
I
Channel 1 soft-start programming pin. An external capacitor and an internal 20-μA current source set the
ramp rate of the internal error amplifier reference during soft start. Pulling the SS1 voltage below 150 mV
turns off the channel 1 gate driver outputs, but all the other functions remain active.
www.ti.com
LM25143
SNVSC10 – MARCH 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: LM25143



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com