Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM5145 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LM5145
Description  LM25143 3.5-V to 42-V Dual Synchronous Buck DC/DC Controller With Ultra-Low IQ
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5145 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM5145 Datasheet HTML 3Page - Texas Instruments LM5145 Datasheet HTML 4Page - Texas Instruments LM5145 Datasheet HTML 5Page - Texas Instruments LM5145 Datasheet HTML 6Page - Texas Instruments LM5145 Datasheet HTML 7Page - Texas Instruments LM5145 Datasheet HTML 8Page - Texas Instruments LM5145 Datasheet HTML 9Page - Texas Instruments LM5145 Datasheet HTML 10Page - Texas Instruments LM5145 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 69 page
background image
8 Specifications
8.1 Absolute Maximum Ratings
Over the recommended operating junction temperature range of –40°C to 150°C (unless otherwise noted)(1)
MIN
MAX
UNIT
Input voltage
VIN to PGND
–0.3
47
V
SW1, SW2 to PGND
–0.3
47
SW1, SW2 to PGND (20-ns transient)
–5
HB1 to SW1, HB2 to SW1
–0.3
6.5
HB1 to SW1, HB2 to SW1 (20-ns transient)
–5
HO1 to SW1, HOL1 to SW1, HO2 to SW2, HOL2 to SW2
–0.3
VHB + 0.3
HO1 to SW1, HOL1 to SW1, HO2 to SW2, HOL2 to SW2 (20-ns transient)
–5
LO1, LOL1, LO2, LOL2 to PGND
–0.3
VVCC + 0.3
LO1, LOL1, LO2, LOL2 to PGND (20-ns transient)
–1.5
VVCC + 0.3
SS1, SS2, COMP1, COMP2, RES, RT, DITH, MODE to AGND
–0.3
VVDDA + 0.3
EN1, EN2 to PGND
–0.3
47
VCC, VCCX, VDDA, PG1, PG2, DEMB, FB1, FB2 to AGND
–0.3
6.5
VOUT1, VOUT2, CS1, CS2
–0.3
47
VOUT1 to CS1, VOUT2 to CS2
–0.3
0.3
PGND to
AGND
–0.3
0.3
V
Operating junction temperature, TJ
–40
150
°C
Storage temperature, Tstg
–40
150
°C
(1)
Operation outside the Absolute Maximum Ratings may cause permanent damage to the device. Absolute Maximum Ratings do
not imply functional operation of the device at these or any other conditions beyond those listed under Recommended Operation
Condition. If used outside the Recommended Operating Conditions but within the Absolute Maximum Ratings, the device may not be
fully functional, and this may affect device reliability, functionality, performance, and shorten the device lifetime.
8.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001 (1)
±1000
V
Charged-device model (CDM), per ANSI/ESDA/JESD22 JS-002 (2)
±750
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
www.ti.com
LM25143
SNVSC10 – MARCH 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: LM25143



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com