Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM5145 Datasheet(PDF) 52 Page - Texas Instruments

Click here to check the latest version.
Part # LM5145
Description  LM25143 3.5-V to 42-V Dual Synchronous Buck DC/DC Controller With Ultra-Low IQ
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5145 Datasheet(HTML) 52 Page - Texas Instruments

Back Button LM5145 Datasheet HTML 48Page - Texas Instruments LM5145 Datasheet HTML 49Page - Texas Instruments LM5145 Datasheet HTML 50Page - Texas Instruments LM5145 Datasheet HTML 51Page - Texas Instruments LM5145 Datasheet HTML 52Page - Texas Instruments LM5145 Datasheet HTML 53Page - Texas Instruments LM5145 Datasheet HTML 54Page - Texas Instruments LM5145 Datasheet HTML 55Page - Texas Instruments LM5145 Datasheet HTML 56Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 69 page
background image
The selected buck regulator powertrain components are cited in Table 10-7, and many of the components are
available from multiple vendors. The MOSFETs in particular are chosen for both lowest conduction and switching
power loss, as discussed in detail in Section 10.1.1.4. This design uses a low-DCR composite inductor and
ceramic output capacitor implementation.
Table 10-7. List of Materials for Application Circuit 3
Ref Des
Qty
Specification
Manufacturer(1)
Part Number
CIN
6
10 µF, 50 V, X7R, 1210, ceramic
TDK
CNA6P1X7R1H106K
AVX
12105C106K4T2A
10 µF, 50 V, X7R, 1206, ceramic
TDK
CGA5L1X7R1H106K
CO
8
47 µF, 6.3 V, X7R, 1210, ceramic
Murata
GCM32ER70J476KE19L
6
100 µF, 6.3 V, X7S, 1210, ceramic
Murata
GRT32EC70J107ME13L
CO(BULK)
1
220 µF, 10 V, 25 mΩ, 7343, polymer tantalum
Kemet
T598D227M010ATE025
AVX
TCQD227M010R0025E
LO1, LO2
2
1.5 µH, 1.28 mΩ, 46.7 A, 13.3 × 12.8 × 8 mm
Cyntec
VCUD128T-1R5MS8
1.5 µH, 2.3 mΩ, 35 A, 13.5 × 12.6 × 6.5 mm
Cyntec
VCMV136E-1R5MN2
1.5 µH, 2.8 mΩ, 32.8 A, 13 × 12.5 × 6.5 mm
TDK
SPM12565VT-1R5M-D
1.5 µH, 2.3 mΩ, 55.3 A, 13.5 × 12.5 × 6.2 mm
Würth Elektronik
744373965015
Q1, Q3
2
60 V, 11 mΩ, 4.5 nC, DFN5
Onsemi
NVMFS5C673NL
Q2, Q4
2
60 V, 2.6 mΩ, 24 nC, DFN5
Onsemi
NVMFS5C628NL
U1
1
LM25143 42-V dual-channel/phase synchronous buck controller
Texas Instruments
LM25143RHAR
(1)
See the Third Party Products Disclaimer.
10.2.3.2 Detailed Design Procedure
See Section 10.2.1.2.
10.2.3.3 Application Curves
Load Currrent (A)
0
10
20
30
40
50
70
75
80
85
90
95
100
VIN = 24 V
Figure 10-25. Efficiency Versus IOUT
100
s/DIV
VOUT 0.5 V/DIV
IOUT 10 A/DIV
Figure 10-26. Load Transient, 0 A to 15 A
LM25143
SNVSC10 – MARCH 2022
www.ti.com
52
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: LM25143



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com