Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMUX7348F Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TMUX7348F
Description  TMUX734xF 짹60-V Fault-Protected, 8:1 and Dual 4:1 Multiplexers with Adjustable Fault Threshold, Latch-up Immunity, and 1.8-V Logic
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX7348F Datasheet(HTML) 1 Page - Texas Instruments

  TMUX7348F Datasheet HTML 1Page - Texas Instruments TMUX7348F Datasheet HTML 2Page - Texas Instruments TMUX7348F Datasheet HTML 3Page - Texas Instruments TMUX7348F Datasheet HTML 4Page - Texas Instruments TMUX7348F Datasheet HTML 5Page - Texas Instruments TMUX7348F Datasheet HTML 6Page - Texas Instruments TMUX7348F Datasheet HTML 7Page - Texas Instruments TMUX7348F Datasheet HTML 8Page - Texas Instruments TMUX7348F Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 59 page
background image
TMUX734xF ±60-V Fault-Protected, 8:1 and Dual 4:1 Multiplexers with Adjustable
Fault Threshold, Latch-up Immunity, and 1.8-V Logic
1 Features
• Wide supply range:
– Dual supply: ±5 V to ±22 V
– Single supply: 8 V to 44 V
• Integrated fault protection:
– Overvoltage protection, source to supplies or
source to drain: ±85 V
– Overvoltage protection: ±60 V
– Power-off protection: ±60 V
– Adjustable overvoltage triggering thresholds
• VFP: 3 V to VDD, VFN: 0 V to VSS
– Interrupt flags to indicate overall and specific
fault channel information
– Non-fault channels continue to operate with low
leakage currents
– Output clamped to the fault supply in
overvoltage condition
• Latch-up immunity by device construction
• 1.8-V Logic capable
• Fail-safe logic: up to 44 V independent of supply
• Break-before-make switching
• Industry-standard TSSOP and smaller WQFN
package
2 Applications
• Factory automation and control
• Programmable logic controllers (PLC)
• Analog input modules
• Semiconductor test equipment
• Battery test equipment
• Servo drive control module
• Data acquisition systems (DAQ)
SW
SW
S1
S2
D
V
DD
V
SS
TMUX7348F
SW
S8
Fault Detec on/
Switch Driver/
Logic Decoder
A0
A1
A2
EN
V
FN
V
FP
FF
SF
SW
SW
S1A
DA
V
DD
V
SS
TMUX7349F
Fault Detec on/
Switch Driver/
Logic Decoder
A0
A1
EN
V
FN
V
FP
FF
SF
S4A
SW
SW
S1B
DB
S4B
Functional Block Diagram
3 Description
The TMUX7348F and TMUX7349F are modern
complementary metal-oxide semiconductor (CMOS)
analog multiplexeres in 8:1 (single ended) and 4:1
(differential) configurations. The devices work well
with dual supplies (±5 V to ±22 V), a single supply (8
V to 44 V), or asymmetric supplies (such as VDD = 12
V, VSS = –5 V). The overvoltage protection is available
in powered and powered-off conditions, making the
TMUX7348F and TMUX7349F devices suitable for
applications where power supply sequencing cannot
be precisely controlled.
The device blocks fault voltages up to +60 V and –60
V relative to ground in both powered and powered-off
conditions. When no power supplies are present, the
switch channels remain in the OFF state regardless of
switch input conditions and logic control status. Under
normal operation conditions, if the analog input signal
level on any Sx pin exceeds positive fault supply (VFP)
or negative fault supply (VFN) by a threshold voltage
(VT), the channel turns OFF and the Sx pin becomes
high impedance. When the fault channel is selected,
the drain pin (D or Dx) is pulled to the fault supply
voltage (VFP or VFN) that was exceeded. The devices
provide two active-low interrupt flags (FF and SF) to
provide details of the fault. The FF flag indicates if any
of the source inputs are experiencing a fault condition,
while the SF flag is used to decode which specific
inputs are experiencing a fault condition.
The low capacitance, low charge injection, and
integrated fault protection enables the TMUX7348F
and TMUX7349F devices to be used in front end
data acquisition applications where high performance
and high robustness are both critical. The devices are
available in standard TSSOP package and smaller
WQFN package (ideal if PCB space is limited).
Device Information(1)
DEVICE NUMBER
PACKAGE
BODY SIZE (NOM)
TMUX7348F
TMUX7349F
TSSOP (20)(2)
6.50 mm × 4.40 mm
WQFN (20)(3)
4.00 mm × 4.00 mm
(1)
For all available packages, see the orderable addendum at
the end of the data sheet.
(2)
Preview package.
(3)
Preview package for TMUX7349F.
TMUX7348F
SCDS400 – MARCH 2022
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TMUX7348F

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMUX7348F TI-TMUX7348F Datasheet
3Mb / 60P
TMUX734xF ±60-V Fault-Protected, 8:1 and Dual 4:1 Multiplexers With Adjustable Fault Threshold, Latch-Up Immunity, and 1.8-V Logic
REVISED NOVEMBER 2022
TMUX7348F TI1-TMUX7348F Datasheet
3Mb / 64P
TMUX734xF ±60-V Fault-Protected, 8:1 and Dual 4:1 Multiplexers With Adjustable Fault Threshold, Latch-Up Immunity, and 1.8-V Logic
REVISED JULY 2023
TMUX7348F TI1-TMUX7348F Datasheet
1Mb / 54P
TMUX7348F-EP ±60V Tolerant, Latch-up Immune, Fault Protected, Enhanced Product, 8:1 Multiplexer with Adjustable Fault Threshold
JANUARY 2025
TMUX7348F-EP TI1-TMUX7348F-EP Datasheet
1Mb / 54P
TMUX7348F-EP ±60V Tolerant, Latch-up Immune, Fault Protected, Enhanced Product, 8:1 Multiplexer with Adjustable Fault Threshold
JANUARY 2025
TMUX7348FPWR TI1-TMUX7348FPWR Datasheet
3Mb / 64P
TMUX734xF ±60-V Fault-Protected, 8:1 and Dual 4:1 Multiplexers With Adjustable Fault Threshold, Latch-Up Immunity, and 1.8-V Logic
REVISED JULY 2023
More results

Similar Description - TMUX7348F

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMUX7308F TI-TMUX7308F Datasheet
1Mb / 34P
TMUX730xF 짹60-V Fault-Protected, 8:1 and Dual 4:1 Multiplexers with 1.8-V Logic
TMUX7462F TI-TMUX7462F Datasheet
1Mb / 30P
TMUX7462F 짹60 V Fault-Protected, Latch-Up Immune, Quad Channel Protector with Adjustable Fault Threshold and 1.8-V Logic
TMUX7308F TI-TMUX7308F_V01 Datasheet
1Mb / 40P
TMUX730xF 짹60-V Fault-Protected, 8:1 and Dual 4:1 Multiplexers with 1.8-V Logic
OCTOBER 2021
TMUX7411F TI-TMUX7411F_V01 Datasheet
2Mb / 42P
TMUX741xF 짹60 V Fault-Protected, 1:1 (SPST), 4-Channel Switches with Latch-Up Immunity and 1.8-V Logic
NOVEMBER 2021
TMUX7462F TI-TMUX7462F_V01 Datasheet
2Mb / 37P
TMUX7462F 짹60 V Fault-Protected, Latch-Up Immune, Quad Channel Protector with Adjustable Fault Threshold and 1.8-V Logic
OCTOBER 2021
TMUX7308F TI-TMUX7308F_V02 Datasheet
2Mb / 54P
TMUX730xF 짹60-V Fault-Protected, 8:1 and Dual 4:1 Multiplexers with Latch-Up Immunity and 1.8-V Logic
DECEMBER 2021
TMUX7308F TI-TMUX7308F_V03 Datasheet
2Mb / 54P
TMUX730xF 짹60-V Fault-Protected, 8:1 and Dual 4:1 Multiplexers with Latch-Up Immunity and 1.8-V Logic
DECEMBER 2021
TMUX7348F TI-TMUX7348F_V01 Datasheet
3Mb / 60P
TMUX734xF ±60-V Fault-Protected, 8:1 and Dual 4:1 Multiplexers With Adjustable Fault Threshold, Latch-Up Immunity, and 1.8-V Logic
REVISED NOVEMBER 2022
TMUX7308F TI1-TMUX7308F_V04 Datasheet
1Mb / 54P
TMUX730xF ±60-V Fault-Protected, 8:1 and Dual 4:1 Multiplexers with Latch-Up Immunity and 1.8-V Logic
REVISED JULY 2023
TMUX7348F TI1-TMUX7348F_V02 Datasheet
3Mb / 64P
TMUX734xF ±60-V Fault-Protected, 8:1 and Dual 4:1 Multiplexers With Adjustable Fault Threshold, Latch-Up Immunity, and 1.8-V Logic
REVISED JULY 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com