Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMUX7348F Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # TMUX7348F
Description  TMUX734xF 짹60-V Fault-Protected, 8:1 and Dual 4:1 Multiplexers with Adjustable Fault Threshold, Latch-up Immunity, and 1.8-V Logic
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX7348F Datasheet(HTML) 25 Page - Texas Instruments

Back Button TMUX7348F Datasheet HTML 21Page - Texas Instruments TMUX7348F Datasheet HTML 22Page - Texas Instruments TMUX7348F Datasheet HTML 23Page - Texas Instruments TMUX7348F Datasheet HTML 24Page - Texas Instruments TMUX7348F Datasheet HTML 25Page - Texas Instruments TMUX7348F Datasheet HTML 26Page - Texas Instruments TMUX7348F Datasheet HTML 27Page - Texas Instruments TMUX7348F Datasheet HTML 28Page - Texas Instruments TMUX7348F Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 59 page
background image
7.10 Typical Characteristics (continued)
at TA = 25°C, VDD = 15 V, and VSS = –15 V (unless otherwise noted)
VS - Source Voltage (V)
-20
-16
-12
-8
-4
0
4
8
12
16
20
-30
-26
-22
-18
-14
-10
-6
-2
2
VDD = 15 V, VSS = -15 V
VDD = 20 V, VSS = -20 V
Figure 7-25. Charge Injection vs Source Voltage – Dual Supply
VS - Source Voltage (V)
0
4
8
12
16
20
24
28
32
36
40
44
-34
-30
-26
-22
-18
-14
-10
-6
-2
2
VDD = 8 V, VSS = 0 V
VDD = 12 V, VSS = 0 V
VDD = 36 V, VSS = 0 V
VDD = 44 V, VSS = 0 V
Figure 7-26. Charge Injection vs Source Voltage – Single Supply
Temperature (
C)
-40
-15
10
35
60
85
110 125
120
130
140
150
160
170
180
190
200
210
VDD: 15 V, VSS: -15 V, Falling Edge
VDD: 15 V, VSS: -15 V, Rising Edge
VDD: 20 V, VSS: -20 V, Falling Edge
VDD: 20 V, VSS: -20 V, Rising Edge
Figure 7-27. Transition Times vs Temperature
Figure 7-28. Transition Times vs Temperature
Temperature (
C)
-40
-15
10
35
60
85
110 125
130
150
170
190
210
230
250
270
290
310
330
350
TOFF 15V
TON 15V
TOFF 20V
TON 20V
Figure 7-29. Turn-On and Turn-Off Times vs Temperature
Temperature (
C)
-40
-15
10
35
60
85
110 125
120
150
180
210
240
270
300
330
360
390
420
450
TOFF +8V
TON +8V
TOFF +12V
TON +12V
TOFF +36V
TON +36V
Figure 7-30. Turn-On and Turn-Off Times vs Temperature
www.ti.com
TMUX7348F
SCDS400 – MARCH 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
25
Product Folder Links: TMUX7348F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com