| Electronic Components Datasheet Search |
|
AM6421 Datasheet(PDF) 69 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
AM6421 Datasheet(HTML) 69 Page - Texas Instruments |
|
69 / 235 page ![]() Table 6-36. GPIO1 Signal Descriptions (continued) SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ALV PIN [4] GPIO1_64 IO General Purpose Input/Output A18 GPIO1_65 IO General Purpose Input/Output B18 GPIO1_66 IO General Purpose Input/Output C18 GPIO1_67 IO General Purpose Input/Output B19 GPIO1_68 IO General Purpose Input/Output D18 GPIO1_69 IO General Purpose Input/Output A19 GPIO1_70 IO General Purpose Input/Output C19 GPIO1_71 IO General Purpose Input/Output K18 GPIO1_72 IO General Purpose Input/Output K19 GPIO1_73 IO General Purpose Input/Output L21 GPIO1_74 IO General Purpose Input/Output K21 GPIO1_75 IO General Purpose Input/Output L20 GPIO1_76 IO General Purpose Input/Output J19 GPIO1_77 IO General Purpose Input/Output D19 GPIO1_78 IO General Purpose Input/Output C20 GPIO1_79 IO General Purpose Input/Output E19 6.3.10.2 MCU Domain Table 6-37. MCU_GPIO0 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ALV PIN [4] MCU_GPIO0_0 IO General Purpose Input/Output E8 MCU_GPIO0_1 IO General Purpose Input/Output D8 MCU_GPIO0_2 IO General Purpose Input/Output A8 MCU_GPIO0_3 IO General Purpose Input/Output A9 MCU_GPIO0_4 IO General Purpose Input/Output B6 MCU_GPIO0_5 IO General Purpose Input/Output A7 MCU_GPIO0_6 IO General Purpose Input/Output B7 MCU_GPIO0_7 IO General Purpose Input/Output D7 MCU_GPIO0_8 IO General Purpose Input/Output C7 MCU_GPIO0_9 IO General Purpose Input/Output C8 MCU_GPIO0_10 IO General Purpose Input/Output E7 MCU_GPIO0_11 IO General Purpose Input/Output E6 MCU_GPIO0_12 IO General Purpose Input/Output C6 MCU_GPIO0_13 IO General Purpose Input/Output D6 MCU_GPIO0_14 IO General Purpose Input/Output C9 MCU_GPIO0_15 IO General Purpose Input/Output D9 MCU_GPIO0_16 IO General Purpose Input/Output B8 MCU_GPIO0_17 IO General Purpose Input/Output B9 MCU_GPIO0_18 IO General Purpose Input/Output E9 MCU_GPIO0_19 IO General Purpose Input/Output A10 MCU_GPIO0_20 IO General Purpose Input/Output A11 MCU_GPIO0_21 IO General Purpose Input/Output B10 MCU_GPIO0_22 IO General Purpose Input/Output B13 www.ti.com AM6442, AM6441, AM6421, AM6412, AM6411 SPRSP56C – JANUARY 2021 – REVISED FEBRUARY 2022 Copyright © 2022 Texas Instruments Incorporated Submit Document Feedback 69 Product Folder Links: AM6442 AM6441 AM6421 AM6412 AM6411 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |