Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM6421 Datasheet(PDF) 78 Page - Texas Instruments

Click here to check the latest version.
Part # AM6421
Description  AM64x Sitara??Processors
PDF  235 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM6421 Datasheet(HTML) 78 Page - Texas Instruments

Back Button AM6421 Datasheet HTML 74Page - Texas Instruments AM6421 Datasheet HTML 75Page - Texas Instruments AM6421 Datasheet HTML 76Page - Texas Instruments AM6421 Datasheet HTML 77Page - Texas Instruments AM6421 Datasheet HTML 78Page - Texas Instruments AM6421 Datasheet HTML 79Page - Texas Instruments AM6421 Datasheet HTML 80Page - Texas Instruments AM6421 Datasheet HTML 81Page - Texas Instruments AM6421 Datasheet HTML 82Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 235 page
background image
Table 6-58. Power Supply Signal Descriptions (continued)
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALV PIN [4]
VSS
GND
Ground
A1, A21, A5, A6,
AA1, AA15,
AA18, AA21,
C10, C15, C3,
D1, E11, E13,
F10, F15, F8,
G1, G16, G3,
G7, G9, H11,
H20, H21, H6,
H8, J14, J16, J7,
J9, K6, K8, L1,
L16, L3, L7, L9,
M10, M12, M6,
M8, N11, N13,
N15, N7, N9, P1,
P10, P18, P6,
P8, R12, R7, R9,
T10, T11, T15,
T16, T8, U3,
V17, W10, W18,
Y14, Y17, Y19
(1)
This pin must always be connected via a 1-μF capacitor to VSS.
(2)
This pin must always be connected via a 3.3-μF ±20% capacitor to VSS.
6.3.19 PRU_ICSSG
Note
The PRU_ICSSG contains a second layer of multiplexing to enable additional functionality on the PRU
GPO and GPI signals. This internal wrapper multiplexing is described in the PRU_ICSSG chapter in
the device TRM.
6.3.19.1 MAIN Domain
Table 6-59. PRU_ICSSG0 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALV PIN [4]
PRG0_ECAP0_IN_APWM_OUT
IO
PRU-ICSSG Enhanced Capture (ECAP) Input or
Auxiliary PWM (APWM) Ouput
R2, U5
PRG0_ECAP0_SYNC_IN
I
PRU-ICSSG ECAP Sync Input
P5, V5
PRG0_ECAP0_SYNC_OUT
O
PRU-ICSSG ECAP Sync Output
AA4, V5
PRG0_IEP0_EDIO_OUTVALID
O
PRU_ICSSG Industrial Ethernet Digital I/O Outvalid
C13
PRG0_IEP0_EDC_LATCH_IN0
I
PRU_ICSSG Industrial Ethernet Distributed Clock
Latch Input
V1
PRG0_IEP0_EDC_LATCH_IN1
I
PRU_ICSSG Industrial Ethernet Distributed Clock
Latch Input
T1
PRG0_IEP0_EDC_SYNC_OUT0
O
PRU_ICSSG Industrial Ethernet Distributed Clock
Sync Output
W1
PRG0_IEP0_EDC_SYNC_OUT1
O
PRU_ICSSG Industrial Ethernet Distributed Clock
Sync Output
U1
PRG0_IEP0_EDIO_DATA_IN_OUT28
IO
PRU_ICSSG Industrial Ethernet Digital I/O Data Input/
Output
W6
PRG0_IEP0_EDIO_DATA_IN_OUT29
IO
PRU_ICSSG Industrial Ethernet Digital I/O Data Input/
Output
AA5
PRG0_IEP0_EDIO_DATA_IN_OUT30
IO
PRU_ICSSG Industrial Ethernet Digital I/O Data Input/
Output
Y5
PRG0_IEP0_EDIO_DATA_IN_OUT31
IO
PRU_ICSSG Industrial Ethernet Digital I/O Data Input/
Output
V6
AM6442, AM6441, AM6421, AM6412, AM6411
SPRSP56C – JANUARY 2021 – REVISED FEBRUARY 2022
www.ti.com
78
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: AM6442 AM6441 AM6421 AM6412 AM6411



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com