| Electronic Components Datasheet Search |
|
AM6421 Datasheet(PDF) 73 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
AM6421 Datasheet(HTML) 73 Page - Texas Instruments |
|
73 / 235 page ![]() Table 6-38. GPMC0 Signal Descriptions (continued) SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ALV PIN [4] GPMC0_WAIT1 I GPMC External Indication of Wait Y18 (1) The RXACTIVE bit of the CTRLMMR_PADCONFIG32 register must be set to 0x1 and the TX_DIS bit of the CTRLMMR_PADCONFIG32 register must be reset to 0x0 when GPMC0 is operating in synchronous mode. 6.3.12 I2C 6.3.12.1 MAIN Domain Table 6-39. I2C0 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ALV PIN [4] I2C0_SCL IOD I2C Clock A18 I2C0_SDA IOD I2C Data B18 Table 6-40. I2C1 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ALV PIN [4] I2C1_SCL IOD I2C Clock C18 I2C1_SDA IOD I2C Data B19 Table 6-41. I2C2 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ALV PIN [4] I2C2_SCL IOD I2C Clock C13, P19 I2C2_SDA IOD I2C Data D14, R21 Table 6-42. I2C3 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ALV PIN [4] I2C3_SCL IOD I2C Clock C17 I2C3_SDA IOD I2C Data D17 6.3.12.2 MCU Domain Table 6-43. MCU_I2C0 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ALV PIN [4] MCU_I2C0_SCL IOD I2C Clock E9 MCU_I2C0_SDA IOD I2C Data A10 Table 6-44. MCU_I2C1 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ALV PIN [4] MCU_I2C1_SCL IOD I2C Clock A11 MCU_I2C1_SDA IOD I2C Data B10 6.3.13 MCAN 6.3.13.1 MAIN Domain Table 6-45. MCAN0 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ALV PIN [4] MCAN0_RX I MCAN Receive Data B17 MCAN0_TX O MCAN Transmit Data A17 www.ti.com AM6442, AM6441, AM6421, AM6412, AM6411 SPRSP56C – JANUARY 2021 – REVISED FEBRUARY 2022 Copyright © 2022 Texas Instruments Incorporated Submit Document Feedback 73 Product Folder Links: AM6442 AM6441 AM6421 AM6412 AM6411 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |