| Electronic Components Datasheet Search |
|
AM6421 Datasheet(PDF) 72 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
AM6421 Datasheet(HTML) 72 Page - Texas Instruments |
|
72 / 235 page ![]() Table 6-38. GPMC0 Signal Descriptions (continued) SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ALV PIN [4] GPMC0_AD17 IO GPMC Data 17 Input/Output in A/D non-multiplexed mode and additionally Address 18 Output in A/D multiplexed mode U8 GPMC0_AD18 IO GPMC Data 18 Input/Output in A/D non-multiplexed mode and additionally Address 19 Output in A/D multiplexed mode W8 GPMC0_AD19 IO GPMC Data 19 Input/Output in A/D non-multiplexed mode and additionally Address 20 Output in A/D multiplexed mode V8 GPMC0_AD20 IO GPMC Data 20 Input/Output in A/D non-multiplexed mode and additionally Address 21 Output in A/D multiplexed mode Y8 GPMC0_AD21 IO GPMC Data 21 Input/Output in A/D non-multiplexed mode and additionally Address 22 Output in A/D multiplexed mode V13 GPMC0_AD22 IO GPMC Data 22 Input/Output in A/D non-multiplexed mode and additionally Address 23 Output in A/D multiplexed mode AA7 GPMC0_AD23 IO GPMC Data 23 Input/Output in A/D non-multiplexed mode and additionally Address 24 Output in A/D multiplexed mode U13 GPMC0_AD24 IO GPMC Data 24 Input/Output in A/D non-multiplexed mode and additionally Address 25 Output in A/D multiplexed mode W13 GPMC0_AD25 IO GPMC Data 25 Input/Output in A/D non-multiplexed mode and additionally Address 26 Output in A/D multiplexed mode U15 GPMC0_AD26 IO GPMC Data 26 Input/Output in A/D non-multiplexed mode and additionally Address 27 Output in A/D multiplexed mode U14 GPMC0_AD27 IO GPMC Data 27 Input/Output in A/D non-multiplexed mode and additionally Address 28 Output in A/D multiplexed mode AA8 GPMC0_AD28 IO GPMC Data 28 Input/Output in A/D non-multiplexed mode and additionally Address 29 Output in A/D multiplexed mode U9 GPMC0_AD29 IO GPMC Data 29 Input/Output in A/D non-multiplexed mode and additionally Address 30 Output in A/D multiplexed mode W9 GPMC0_AD30 IO GPMC Data 30 Input/Output in A/D non-multiplexed mode and additionally Address 31 Output in A/D multiplexed mode AA9 GPMC0_AD31 IO GPMC Data 31 Input/Output in A/D non-multiplexed mode and additionally Address 0 Output in A/D multiplexed mode Y9 GPMC0_BE0n_CLE O GPMC Lower-Byte Enable (active low) or Command Latch Enable P17 GPMC0_BE1n O GPMC Upper-Byte Enable (active low) T19 GPMC0_BE2n O GPMC Upper-Byte Enable (active low) V9 GPMC0_BE3n O GPMC Upper-Byte Enable (active low) AA14 GPMC0_CSn0 O GPMC Chip Select 0 (active low) R19 GPMC0_CSn1 O GPMC Chip Select 1 (active low) R20 GPMC0_CSn2 O GPMC Chip Select 2 (active low) P19 GPMC0_CSn3 O GPMC Chip Select 3 (active low) R21 GPMC0_WAIT0 I GPMC External Indication of Wait W19 AM6442, AM6441, AM6421, AM6412, AM6411 SPRSP56C – JANUARY 2021 – REVISED FEBRUARY 2022 www.ti.com 72 Submit Document Feedback Copyright © 2022 Texas Instruments Incorporated Product Folder Links: AM6442 AM6441 AM6421 AM6412 AM6411 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |