Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM2432BSDFHIALVR Datasheet(PDF) 108 Page - Texas Instruments

Click here to check the latest version.
Part # AM2432BSDFHIALVR
Description  AM243x Sitara??Microcontrollers
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM2432BSDFHIALVR Datasheet(HTML) 108 Page - Texas Instruments

Back Button AM2432BSDFHIALVR Datasheet HTML 104Page - Texas Instruments AM2432BSDFHIALVR Datasheet HTML 105Page - Texas Instruments AM2432BSDFHIALVR Datasheet HTML 106Page - Texas Instruments AM2432BSDFHIALVR Datasheet HTML 107Page - Texas Instruments AM2432BSDFHIALVR Datasheet HTML 108Page - Texas Instruments AM2432BSDFHIALVR Datasheet HTML 109Page - Texas Instruments AM2432BSDFHIALVR Datasheet HTML 110Page - Texas Instruments AM2432BSDFHIALVR Datasheet HTML 111Page - Texas Instruments AM2432BSDFHIALVR Datasheet HTML 112Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 242 page
background image
7.7.6 ADC12B Electrical Characteristics
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VADC_AIN[7:0] Full-scale Input Range
VSS
VDDA_ADC0
V
DNL
Differential Non-Linearity
-1
0.5
2
LSB
INL
Integral Non-Linearity
±1
±3
LSB
LSBGAIN-
ERROR
Gain Error
±2
LSB
LSBOFFSET-
ERROR
Offset Error
±2
LSB
CIN
Input Sampling Capacitance
5.5
pF
SNR
Signal-to-Noise Ratio
Input Signal: 200 kHz
sine wave at -0.5 dB
Full Scale
70
dB
THD
Total Harmonic Distortion
Input Signal: 200 kHz
sine wave at -0.5 dB
Full Scale
75
dB
SFDR
Spurious Free Dynamic Range
Input Signal: 200 kHz
sine wave at -0.5 dB
Full Scale
80
dB
SNR(PLUS)
Signal-to-Noise Plus Distortion
Input Signal: 200 kHz
sine wave at -0.5 dB
Full Scale
69
dB
RADC_AIN[0:7] Input Impedance of ADC0_AIN[7:0]
f = input frequency
[1/((65.97
× 10–-12) ×
f)]
Ω
IIN
Input Leakage
ADC0_AIN[7:0] = VSS
4
μA
ADC0_AIN[7:0] =
VDDA_ADC0
10
μA
Sampling Dynamics
FSMPL_CLK
SMPL_CLK Frequency
60
MHz
tC
Conversion Time
13
ADC0
SMPL_
CLK
Cycles
tACQ
Acquisition time
2
257
ADC0
SMPL_
CLK
Cycles
TR
Sampling Rate
ADC0 SMPL_CLK =
60 MHz
4 MSPS
CCISO
Channel to Channel Isolation
100
dB
General Purpose Input Mode
(1)
VIL
Input Low Voltage
0.35 ×
VDDA_ADC0
V
VILSS
Input Low Voltage Steady State
0.35 ×
VDDA_ADC0
V
VIH
Input High Voltage
0.65 ×
VDDA_ADC0
V
VIHSS
Input High Voltage Steady State
0.65 ×
VDDA_ADC0
V
VHYS
Input Hysteresis Voltage
200
mV
AM2434, AM2432, AM2431
SPRSP65C – APRIL 2021 – REVISED MARCH 2022
www.ti.com
108
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: AM2434 AM2432 AM2431



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com