Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADPA7008 Datasheet(PDF) 11 Page - Analog Devices

Part # ADPA7008
Description  20 GHz to 54 GHz, GaAs, pHEMT, MMIC, 31 dBm (1 W) Power Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA7008 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADPA7008 Datasheet HTML 7Page - Analog Devices ADPA7008 Datasheet HTML 8Page - Analog Devices ADPA7008 Datasheet HTML 9Page - Analog Devices ADPA7008 Datasheet HTML 10Page - Analog Devices ADPA7008 Datasheet HTML 11Page - Analog Devices ADPA7008 Datasheet HTML 12Page - Analog Devices ADPA7008 Datasheet HTML 13Page - Analog Devices ADPA7008 Datasheet HTML 14Page - Analog Devices ADPA7008 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
Data Sheet
ADPA7008
TYPICAL PERFORMANCE CHARACTERISTICS
analog.com
Rev. 0 | 11 of 28
35
0
5
20
30
15
10
25
2400
1490
1620
2010
2270
1880
1750
2140
–4
18
16
12
8
4
0
–2
14
10
6
2
INPUT POWER (dBm)
POUT
GAIN
PAE
IDD
Figure 34. POUT, Gain, PAE, and IDD vs. Input Power, 26 GHz, VDD = 5 V,
IDQ = 1500 mA
35
0
5
20
30
15
10
25
1900
1445
1510
1705
1835
1640
1575
1770
–4
18
16
12
8
4
0
–2
14
10
6
2
INPUT POWER (dBm)
POUT
GAIN
PAE
IDD
Figure 35. POUT, Gain, PAE, and IDD vs. Input Power, 36 GHz, VDD = 5 V,
IDQ = 1500 mA
30
0
5
20
15
10
25
2350
1450
1600
2050
1900
1750
2200
–4
18
16
12
8
4
0
–2
14
10
6
2
INPUT POWER (dBm)
POUT
GAIN
PAE
IDD
Figure 36. POUT, Gain, PAE, and IDD vs. Input Power, 44 GHz, VDD = 5 V,
IDQ = 1500 mA
35
0
5
20
30
15
10
25
2100
1435
1530
1815
2005
1720
1625
1910
–4
18
16
12
8
4
0
–2
14
10
6
2
INPUT POWER (dBm)
POUT
GAIN
PAE
IDD
Figure 37. POUT, Gain, PAE, and IDD vs. Input Power, 30 GHz, VDD = 5 V,
IDQ = 1500 mA
35
0
5
20
30
15
10
25
2200
1430
1540
1870
2090
1760
1650
1980
–4
18
16
12
8
4
0
–2
14
10
6
2
INPUT POWER (dBm)
POUT
GAIN
PAE
IDD
Figure 38. POUT, Gain, PAE, and IDD vs. Input Power, 40 GHz, VDD = 5 V,
IDQ = 1500 mA
30
0
5
20
15
10
25
2700
1440
1650
2280
2070
1860
2490
–4
16
12
8
4
0
–2
14
10
6
2
INPUT POWER (dBm)
POUT
GAIN
PAE
IDD
Figure 39. POUT, Gain, PAE, and IDD vs. Input Power, 50 GHz, VDD = 5 V,
IDQ = 1500 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com