Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADPA7008 Datasheet(PDF) 22 Page - Analog Devices

Part # ADPA7008
Description  20 GHz to 54 GHz, GaAs, pHEMT, MMIC, 31 dBm (1 W) Power Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA7008 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADPA7008 Datasheet HTML 18Page - Analog Devices ADPA7008 Datasheet HTML 19Page - Analog Devices ADPA7008 Datasheet HTML 20Page - Analog Devices ADPA7008 Datasheet HTML 21Page - Analog Devices ADPA7008 Datasheet HTML 22Page - Analog Devices ADPA7008 Datasheet HTML 23Page - Analog Devices ADPA7008 Datasheet HTML 24Page - Analog Devices ADPA7008 Datasheet HTML 25Page - Analog Devices ADPA7008 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
Data Sheet
ADPA7008
BIASING THE ADPA7008 WITH THE LOW NOISE LTM8063
analog.com
Rev. 0 | 22 of 28
Figure 72. A Complete Gate and Drain Voltage Biasing Circuit for the ADPA7008
As shown in Figure 72, the drain voltage is generated by the
LTM8063. The negative gate voltage is generated by the ADP5600.
The exact gate voltage is set by a resistor divider between the
LDO_OUT and FB pins on the ADP5600. The equation for setting
the gate voltage is VGG1 = −0.5(1 + R1/(R2 + R3)), where R2
is a potentiometer. To achieve a drain voltage of 1500 mA, the
recommended value for VGG1 is −0.63 V. To set this voltage, R1
and R3 were set to 22.1 kΩ and 11.3 kΩ, respectively, and the R2
potentiometer was set to 100 kΩ, which allows VGG1 to swing from
approximately −1.5 V to −0.6 V. To ensure that the gate voltage
is active before the drain voltage, the PGOOD signal from the
ADP5600 is used to gate all devices in the drain voltage generation
path. The ADP5600 PGOOD output signal is scaled using a resistor
divider such that the LTM8063 drain voltage generator turns on
after the ADP5600 output does. Figure 73 shows the turn on
sequence and turn off sequence. Notice how VDD turns on a few
milliseconds after VGG. This sequencing is controlled by the scaled
PGOOD signal.
Figure 73. Turn On Sequence and Turn Off Sequence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com