Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADPA7008 Datasheet(PDF) 17 Page - Analog Devices

Part # ADPA7008
Description  20 GHz to 54 GHz, GaAs, pHEMT, MMIC, 31 dBm (1 W) Power Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA7008 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADPA7008 Datasheet HTML 13Page - Analog Devices ADPA7008 Datasheet HTML 14Page - Analog Devices ADPA7008 Datasheet HTML 15Page - Analog Devices ADPA7008 Datasheet HTML 16Page - Analog Devices ADPA7008 Datasheet HTML 17Page - Analog Devices ADPA7008 Datasheet HTML 18Page - Analog Devices ADPA7008 Datasheet HTML 19Page - Analog Devices ADPA7008 Datasheet HTML 20Page - Analog Devices ADPA7008 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
Data Sheet
ADPA7008
TYPICAL PERFORMANCE CHARACTERISTICS
analog.com
Rev. 0 | 17 of 28
44
20
22
32
38
42
24
28
36
30
26
34
40
18
56
48
42
38
34
30
26
22
20
52
44
50
54
46
40
36
32
28
24
FREQUENCY (GHz)
900mA
1100mA
1200mA
1300mA
1500mA
Figure 65. Output IP3 vs. Frequency for Various Supply Currents,
POUT per Tone = 14 dBm, VDD = 3 V
44
20
22
32
38
42
24
28
36
30
26
34
40
18
56
48
42
38
34
30
26
22
20
52
44
50
54
46
40
36
32
28
24
FREQUENCY (GHz)
1100mA
1300mA
1500mA
1700mA
Figure 66. Output IP3 vs. Frequency for Various Supply Currents,
POUT per Tone = 14 dBm, VDD = 4 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com